Electronic Components Datasheet Search
  English  ▼

X  

2SA2204 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SA2204
Description  PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA2204 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SA2204 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2204 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2204 Datasheet HTML 3Page - Sanyo Semicon Device 2SA2204 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA2204
No. A0543-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=--1A, IB=--100mA
--100
--200
mV
Base-to-Emitterr Saturation Voltage
VBE(sat)
IC=--1A, IB=--100mA
--0.85
--1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=--10µA, IE=0A
--80
V
Collector-to-Emitter Breakdown Voltage
V(BR)CES
IC=--100µA, RBE=0Ω
--80
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=--1mA, RBE=∞
--80
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=--10µA, IC=0A
--7
V
Turn-On Time
ton
See specified Test Circuit.
40
ns
Storage Time
tstg
See specified Test Circuit.
500
ns
Fall Time
tf
See specified Test Circuit.
28
ns
Package Dimensions
Package Dimensions
unit : mm (typ)
unit : mm (typ)
7518-003
7003-003
Switching Time Test Circuit
6.5
5.0
2.3
0.5
12
4
3
0.85
0.7
1.2
0.6
0.5
2.3
2.3
1 : Base
2 : Collector
3 : Emitter
4 : Collector
SANYO : TP
VR
VCC= --40V
VBE=5V
+
+
50
Ω
INPUT
OUTPUT
RL
220
µF
470
µF
PW=20
µs
IB1
D.C.
≤1%
IB2
IC= --10IB1=10IB2= --0.5A
1k
Ω
6.5
5.0
2.3
0.5
12
4
3
0.85
0.6
0.5
1.2
2.3
2.3
0 to 0.2
1 : Base
2 : Collector
3 : Emitter
4 : Collector
SANYO : TP-FA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com