Electronic Components Datasheet Search
  English  ▼

X  

2SA2204 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SA2204
Description  PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA2204 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SA2204 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2204 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2204 Datasheet HTML 3Page - Sanyo Semicon Device 2SA2204 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA2204
No. A0543-3/4
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Cob -- VCB
VBE(sat) -- IC
fT -- IC
VCE(sat) -- IC
Collector Current, IC -- A
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
Collector Current, IC -- A
hFE -- IC
Collector Current, IC -- A
A S O
Collector-to-Emitter Voltage, VCE -- V
VCE= --5V
--2.5
--2.0
--0.5
--1.0
--1.5
0
0
--0.2
--0.4
--0.6
--0.8
--1.2
--1.0
IT11655
--2.0
--1.4
--1.8
--0.6
--1.0
--0.2
--1.6
--0.8
--1.2
--0.4
0
0
--0.50
--0.15
--0.30
--0.40
--0.20
--0.05
--0.25
--0.10
--0.35
--0.45
IT11654
--40mA
IB=0mA
--100mA
--80mA
--60mA
--20mA
--5mA
--120mA
--160mA
--140mA
Ta=75
°C
--25
°C
IT11659
IC / IB=10
25°
C
--0.01
2
7
--0.1
7
2
3
5
--0.01
3
25
3
25
--0.1
72
3
5
--1.0
7
3
5
IT11657
100
7
2
3
5
7
3
5
--0.01
3
25
3
25
--0.1
72
3
5
--1.0
7
VCE= --10V
--0.1
--1.0
23
5
7
2
--10
35
7
2
5
3
7
2
100
10
IT11658
f=1MHz
IT11660
--0.1
23
5
7 --1.0
23
5
7 --10
2
IT11661
--0.1
--0.01
IC= --2.5A
ICP= --4A
100ms
2
2
3
5
7
2
3
5
7
--1.0
3
5
7
<10
µs
Ta=75
°C
25
°C
--25
°C
100
2
1000
7
3
5
--0.01
3
25
3
25
--0.1
72
3
5
--1.0
7
VCE= --5V
IT11656
--100
35
7
75°C
Ta= --25°C
IC / IB=10
25°C
2
--1.0
7
2
5
3
--0.01
3
25
3
25
--0.1
72
3
5
--1.0
7
10ms
1ms
35
7 --100
Tc=25
°C
Single pulse



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com