Electronic Components Datasheet Search
  English  ▼

X  

UMA1021 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UMA1021
Description  Low-voltage frequency synthesizer for radio telephones
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1021 Datasheet(HTML) 2 Page - NXP Semiconductors

  UMA1021 Datasheet HTML 1Page - NXP Semiconductors UMA1021 Datasheet HTML 2Page - NXP Semiconductors UMA1021 Datasheet HTML 3Page - NXP Semiconductors UMA1021 Datasheet HTML 4Page - NXP Semiconductors UMA1021 Datasheet HTML 5Page - NXP Semiconductors UMA1021 Datasheet HTML 6Page - NXP Semiconductors UMA1021 Datasheet HTML 7Page - NXP Semiconductors UMA1021 Datasheet HTML 8Page - NXP Semiconductors UMA1021 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1999 Jun 17
2
Philips Semiconductors
Product specification
Low-voltage frequency synthesizer
for radio telephones
UMA1021M
FEATURES
• Low phase noise
• Low current from 3 V supply
• Fully programmable main divider
• 3-line serial interface bus
• Independent fully programmable reference divider,
driven from external crystal oscillator
• Dual charge pump outputs
• Hard and soft power-down control.
APPLICATIONS
• 900 MHz and 2 GHz mobile telephones
• Portable battery-powered radio equipment.
GENERAL DESCRIPTION
The UMA1021M BICMOS device integrates a prescaler,
programmable dividers, and a phase comparator to
implement a phase-locked loop.
The device is designed to operate from 3 NiCd cells, in
pocket phones, with low current and nominal 3 V supplies.
The synthesizer operates at RF input frequencies up to
2.2 GHz, with a fully programmable reference divider.
All divider ratios are supplied via a 3-wire serial
programming bus.
Separate power and ground pins are provided to the
analog (charge-pump) and digital circuits. The ground
leads should be externally short-circuited to prevent large
currents flowing across the die and thus causing damage.
VDD1 and VDD2 must also be at the same potential (VDD).
VCC must be equal to or greater than VDD (e.g. VDD =3V
and VCC = 5 V for wider VCO control voltage range).
The phase detector has two charge-pump outputs, CP and
CPF, the latter of which is enabled directly at pin FAST.
This permits the design of adaptive loops. The charge
pump currents (phase detector gain) are fixed by an
external resistance at pin ISET and via the serial interface.
Only a passive loop filter is necessary; the charge pumps
function within a wide voltage compliance range to
improve the overall system performance.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
digital supply voltage
VDD1 =VDD2;
VCC ≥ VDD
2.7
−
5.5
V
VCC
charge-pump supply voltage
VCC ≥ VDD
2.7
−
5.5
V
IDD +ICC
supply current
−
10
−
mA
ICC(pd) +IDD(pd) total supply current in power-down mode
−
5
−µA
fRF
RF input frequency
300
−
2200
MHz
fxtal
crystal reference input frequency
3
−
35
MHz
fPC
phase comparator frequency
−
200
−
kHz
Tamb
operating ambient temperature
−30
−
+85
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
UMA1021M
SSOP20
plastic shrink small outline package; 20 leads; body width 4.4 mm
SOT266-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com