Electronic Components Datasheet Search
  English  ▼

X  

UMA1021 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # UMA1021
Description  Low-voltage frequency synthesizer for radio telephones
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1021 Datasheet(HTML) 4 Page - NXP Semiconductors

  UMA1021 Datasheet HTML 1Page - NXP Semiconductors UMA1021 Datasheet HTML 2Page - NXP Semiconductors UMA1021 Datasheet HTML 3Page - NXP Semiconductors UMA1021 Datasheet HTML 4Page - NXP Semiconductors UMA1021 Datasheet HTML 5Page - NXP Semiconductors UMA1021 Datasheet HTML 6Page - NXP Semiconductors UMA1021 Datasheet HTML 7Page - NXP Semiconductors UMA1021 Datasheet HTML 8Page - NXP Semiconductors UMA1021 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1999 Jun 17
4
Philips Semiconductors
Product specification
Low-voltage frequency synthesizer
for radio telephones
UMA1021M
PINNING
SYMBOL
PIN
DESCRIPTION
FAST
1
enable input for fast charge-pump
output CPF
CPF
2
fast charge-pump output
CP
3
normal charge-pump output
VDD2
4
power supply 2
VSS3
5
ground 3
RFI
6
2 GHz main divider input
VSS2
7
ground 2
POL
8
digital input to select polarity of
power-on inputs (PON and sPON):
POL = 0 for active LOW and
POL = 1 for active HIGH
PON
9
power-on input
VSS1
10
ground 1
CLK
11
programming bus clock input
DATA
12
programming bus data input
E
13
programming bus enable input
VDD1
14
power supply 1
XTALB
15
complementary crystal frequency
input from TCXO; if not used should
be decoupled to ground
XTALA
16
crystal frequency input from TCXO;
if not used should be decoupled to
ground
GND(CP)
17
ground for charge-pump
VCC
18
supply for charge-pump
ISET
19
external resistor from this pin to
ground sets the charge-pump
currents
LOCK
20
out-of-lock detector output
Fig.2 Pin configuration.
handbook, halfpage
UMA1021M
MBG365
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
FAST
CPF
CP
VDD2
VSS3
RFI
VSS2
POL
PON
VSS1
LOCK
ISET
VCC
GND(CP)
XTALA
XTALB
VDD1
E
DATA
CLK
FUNCTIONAL DESCRIPTION
Main divider
The main divider is clocked at pin RFI by the RF signal
which is AC-coupled from an external VCO. The divider
operates with signal levels from 50 to 225 mV (RMS), and
at frequencies from 300 MHz to 2.2 GHz. It consists of a
fully programmable bipolar prescaler followed by a CMOS
counter. Any divide ratios from 512 to 131071 inclusive
can be programmed.
Reference divider
The reference divider is clocked by the differential signal
between pins XTALA and XTALB. If only one of these
inputs is used, the other should be decoupled to ground.
The applied input signal(s) should be AC-coupled.
The circuit operates with levels from
50 up to 500 mV (RMS) and at frequencies from
3 to 35 MHz. Any divide ratios from 8 to 2047 inclusive
can be programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com