Electronic Components Datasheet Search
  English  ▼

X  

LM1044 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1044
Description  Analog Video Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1044 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM1044 Datasheet HTML 1Page - National Semiconductor (TI) LM1044 Datasheet HTML 2Page - National Semiconductor (TI) LM1044 Datasheet HTML 3Page - National Semiconductor (TI) LM1044 Datasheet HTML 4Page - National Semiconductor (TI) LM1044 Datasheet HTML 5Page - National Semiconductor (TI) LM1044 Datasheet HTML 6Page - National Semiconductor (TI) LM1044 Datasheet HTML 7Page - National Semiconductor (TI) LM1044 Datasheet HTML 8Page - National Semiconductor (TI) LM1044 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical Characteristics
VS e 12V RL e 600X CL e 20 pF TA e 25 C unless otherwise stated (Continued)
Test Limit
Design Limit
Parameter
Conditions
(Note 6)
(Note 7)
Units
Min
Max
Min
Typ
Max
RGB CHANNELS
InputsPins 4 5 6 8 9 10
OutputsPins 15 16 17
CLAMP INPUT-Pin 18
Minimum Input Voltage
For Clamp on
9
V
Maximum Input Voltage
For Clamp off
5
V
Input Current
Pin 18 e 0V
10
m
A
Clamp Pulse Delay (Note 4)
02
m
s
Maximum Input Voltage Swing
for Output THD e 1%
1 kHz
30
Vp-p
Input Bias Current
Clamp off Channel Selected
20
m
A
Dynamic Output Impedance
20
X
Voltage Gain
Input Signal e 1Vp-p
100 kHz
b
05
b
05
0
a
05
dB
Bandwidth
Input Signal e 1Vp-p b3 dB
60
24
30
MHz
Signal to Noise Ratio
RIN e 50X Bandwidth e 10 MHz
60
dB
Load Resistance (Note 3)
AC Coupled 3 Vp-p
600
X
DC Coupled to GND
2
kX
Channel Isolation (Note 1)
Input Signal e 1Vp-p
5 MHz
60
dB
Crosstalk (Note 2)
Input Signal e 1Vp-p
5 MHz
b
50
dB
Power Supply Rejection Ratio
VS Modulated 1 Vp-p
1 kHz
50
dB
Pin 13 Output Impedance
60
X
SYNC CHANNELS
InputsPins 7 11
OutputsPin 23
Maximum Input Voltage Swing
for Output THD e 1%
1 kHz
30
Vp-p
Input Impedance
18
23
28
kX
Dynamic Output Impedance
40
X
Voltage Gain
Input Signal e 1Vp-p
100 kHz
b
10
b
10
b
04
a
02
dB
Bandwidth
Input Signal e 1Vp-p b3 dB
60
18
24
MHz
Signal to Noise Ratio
RIN e 50X Bandwidth e 10 MHz
60
dB
Note 1
CV channels defined with a CV mute condition set up (ABC e 001) and all CV inputs driven Isolation is the output measured with respect to the input level
for RL of 600X Channel isolation for RGB channels is measured in the same way with signals applied to the R G or B inputs while a RGB mute condition is
selected
Note 2
CV crosstalk measured with selected channel input AC grounded and with signal applied to the other CV inputs Resulting output voltage is measured with
RL of 600X RGB crosstalk is measured similarly with signals applied to unselected channel inputs and measuring the selected channel output Note that high
frequency crosstalk measurements are very dependent on board layout An effective ground plane and input to input shielding are required
Note 3
DC output current sourced from device to load should not exceed 10 mA care should be taken to avoid shorting outputs to GND
Note 4
Delay between clamp pulse input at Pin 18 and resulting clamping action as seen at RGB inputs
Note 5
Human body model 100 pF discharged through a 15 kX resistor
Note 6
Guaranteed and 100% production tested
Note 7
Design limits are guaranteed to National’s AOQL but are not 100% production tested
Note 8
When operating at elevated temperatures the maximum power dissipation must be derated based on a maximum junction temperature of 150 C and
iJA e 60 CW
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com