Electronic Components Datasheet Search
  English  ▼

X  

LM1044 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1044
Description  Analog Video Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1044 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM1044 Datasheet HTML 1Page - National Semiconductor (TI) LM1044 Datasheet HTML 2Page - National Semiconductor (TI) LM1044 Datasheet HTML 3Page - National Semiconductor (TI) LM1044 Datasheet HTML 4Page - National Semiconductor (TI) LM1044 Datasheet HTML 5Page - National Semiconductor (TI) LM1044 Datasheet HTML 6Page - National Semiconductor (TI) LM1044 Datasheet HTML 7Page - National Semiconductor (TI) LM1044 Datasheet HTML 8Page - National Semiconductor (TI) LM1044 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLH9252
June 1992
LM1044 Analog Video Switch
General Description
Primarily intended for but not restricted to the switching of
video signals the LM1044 is a monolithic DC controlled an-
alog switch with buffered outputs allowing the selection of
three 5 MHz bandwidth
6 dB gain channels
or two
RGBaSync 30 MHz bandwidth 0 dB gain channels Chan-
nel selection is achieved via latched TTL compatible logic
inputs which may be controlled by microprocessor derived
signals The device is supplied in a 24 pin dual in line plastic
package
Features
Y
Wide RGB bandwidth typically 30 MHz
Y
High signal to noise ratio typically 60 dB
Y
Excellent channel isolation typically b60 dB
5 MHz
Y
High RGB output currents typically 4 mA peak
Y
RGB channels may be DC restored or clamped
Y
Logically compatible with the LM1038 stereo audio
switch IC
Block Diagram
TLH9252 – 1
Order Number LM1044N
See NS Package Number N24A
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM1044

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM104 NSC-LM104 Datasheet
161Kb / 6P
Negative Regulator
LM1040 NSC-LM1040 Datasheet
365Kb / 10P
DUAL DC OPERATED TONE / VOLUME / BALANCE CIRCUIT WITH STEREO ENHANCEMENT FACILITY
LM1042 NSC-LM1042 Datasheet
170Kb / 8P
Fluid Level Detector
LM1042N NSC-LM1042N Datasheet
170Kb / 8P
Fluid Level Detector
logo
Shanghai Leiditech Elec...
LM1045D LEIDITECH-LM1045D Datasheet
1Mb / 6P
P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - LM1044

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CA3256 HARRIS-CA3256 Datasheet
389Kb / 11P
25MHz, BiMOS Analog Video Switch and Amplifier
logo
Maxim Integrated Produc...
MAX9505 MAXIM-MAX9505 Datasheet
407Kb / 16P
DirectDrive Video Amplifier with Reconstruction Filter and Analog Switch
Rev 0; 5/05
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
Video Crosspoint Switch Video Crosspoint Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A Datasheet
491Kb / 13P
Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330 Datasheet
221Kb / 8P
Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A_15 Datasheet
342Kb / 15P
Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
STMicroelectronics
AN2472 STMICROELECTRONICS-AN2472 Datasheet
143Kb / 11P
STMAV340 analog video switch
14-Mar-2007
logo
Pericom Semiconductor C...
PI3V713 PERICOM-PI3V713 Datasheet
933Kb / 9P
3.3V, 7-Channel Analog Video Switch with Automatic Switching
PI3V713-A PERICOM-PI3V713-A Datasheet
479Kb / 8P
3.3V, 7-Channel Analog Video Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330_14 Datasheet
359Kb / 8P
Quad, Wide-Bandwidth SPDT Video Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com