Electronic Components Datasheet Search
  English  ▼

X  

LM1044N Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1044N
Description  Analog Video Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1044N Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM1044N Datasheet HTML 2Page - National Semiconductor (TI) LM1044N Datasheet HTML 3Page - National Semiconductor (TI) LM1044N Datasheet HTML 4Page - National Semiconductor (TI) LM1044N Datasheet HTML 5Page - National Semiconductor (TI) LM1044N Datasheet HTML 6Page - National Semiconductor (TI) LM1044N Datasheet HTML 7Page - National Semiconductor (TI) LM1044N Datasheet HTML 8Page - National Semiconductor (TI) LM1044N Datasheet HTML 9Page - National Semiconductor (TI) LM1044N Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Application Notes (Continued)
TLH9252 – 7
FIGURE 2 LM1044 Basic Application Circuit
Relation of Clamp Pulse to Video
TLH9252 – 4
If the clamp pulse input is held low the RGB inputs may be
driven directly with DC coupled signals provided the levels
are such as to remain within the output window Such sig-
nals could be directly coupled from the RGB outputs of a
preceeding LM1044 avoiding the need for coupling capaci-
tors when expanding the switching capability External resis-
tive biasing to the bias voltage available at pin 13 may also
be used for a mean level bias with AC coupled signals not
having reference levels
OPERATION AT SUPPLIES OTHER THAN 12V
The LM1044 may be operated at supply voltages between
8V and 16V Note that the CV and RGB bias voltages to-
gether with the clamp pulse threshold will track with supply
variations whilst the logic input thresholds will remain essen-
tially constant At lower supply voltages the signal handling
may be optimized with an external bias voltage to pin 14
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com