Electronic Components Datasheet Search
  English  ▼

X  

LM1044N Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1044N
Description  Analog Video Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1044N Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM1044N Datasheet HTML 2Page - National Semiconductor (TI) LM1044N Datasheet HTML 3Page - National Semiconductor (TI) LM1044N Datasheet HTML 4Page - National Semiconductor (TI) LM1044N Datasheet HTML 5Page - National Semiconductor (TI) LM1044N Datasheet HTML 6Page - National Semiconductor (TI) LM1044N Datasheet HTML 7Page - National Semiconductor (TI) LM1044N Datasheet HTML 8Page - National Semiconductor (TI) LM1044N Datasheet HTML 9Page - National Semiconductor (TI) LM1044N Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Application Notes (Continued)
TLH9252 – 5
FIGURE 3 LM1044 Application Circuit Showing System Interfacing and LM1038
OPERATION WITH SPLIT SUPPLIES
The LM1044 may be operated with split supplies with due
regard to the maximum supply voltage (16V) and output sig-
nal range An example of operation in this way is illustrated
below With g5V and pin 14 held at 0V the RGB outputs
can swing a2V b15V and the CV and Sync output can
swing a13V b13V Similarly with a10V b5V supplies
pin 14 to 0V RGB output swings of a55V b15V and CV
Sync swings of a45V and b15V can be obtained This
supply configuration has the advantage that pin 14 can be
grounded and all signals may be DC coupled avoiding the
need for coupling capacitors Offsets introduced are typical-
ly b30 mV for CV and RGB channels and b140 mV for
Sync channels
OTHER APPLICATIONS
The LM1044 can be used in other than the standard CV with
RGB circuit and an example is given below of a dual 6 input
to 1 output multiplexer for video or indeed any kind of sig-
nals up to 2 Vp-p In this particular example the RGB outputs
are cross-coupled into the CV inputs of the other channel to
complete the multiplexing down to 2 outputs The clamp
circuits are disabled to allow direct drive on the inputs Such
circuits are ideal for security cameras and other multiple
video source monitoring systems
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com