Electronic Components Datasheet Search
  English  ▼

X  

2SC6117 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC6117
Description  NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6117 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC6117 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6117 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6117 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6117 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC6117
No. A0901-1/4
Features
•
High speed.
•
High breakdown voltage (VCBO=1500V).
•
High reliability (Adoption of HVP process).
•
Adoption of MBIT process.
•
On-chip damper diode.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
1500
V
Collector-to-Emitter Voltage
VCEO
800
V
Emitter-to-Base Voltage
VEBO
6V
Collector Current
IC
8A
Collector Current (Pulse)
ICP
20
A
Collector Dissipation
PC
3.0
W
Tc=25°C65
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=800V, IE=0A
10
µA
Collector Cutoff Current
ICES
VCE=1500V, RBE=0Ω
1.0
mA
Collector Sustain Voltage
VCEO(sus)
IC=100mA, IB=0A
800
V
Emitter Cutoff Current
IEBO
VEB=4V, IC=0A
40
130
mA
Continued on next page.
Ordering number : ENA0901
91207KC TI IM TC-00000889
SANYO Semiconductors
DATA SHEET
2SC6117
NPN Triple Diffused Planar Silicon Transistor
Color TV Horizontal Deflection
Output Applications
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Similar Part No. - 2SC6117

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC6112 SANYO-2SC6112 Datasheet
56Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC6113 SANYO-2SC6113 Datasheet
57Kb / 4P
NPN Triple Diffused Planar Silicon Transistor For 14, 21 inch TV Power Supply
logo
Rohm
2SC6114 ROHM-2SC6114 Datasheet
82Kb / 4P
Small signal low frequency amplifier
logo
Sanyo Semicon Device
2SC6116LS SANYO-2SC6116LS Datasheet
51Kb / 4P
Color TV Horizontal Deflection Output Applications
2SC6118LS SANYO-2SC6118LS Datasheet
52Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
More results

Similar Description - 2SC6117

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1431 WINGS-2SD1431 Datasheet
28Kb / 1P
NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR(COLOR TV HORIZONTAL OUTPUT APPLICATIONS)
2SD1546 WINGS-2SD1546 Datasheet
31Kb / 1P
NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR(COLOR TV HORIZONTAL OUTPUT APPLICATIONS)
logo
Sanyo Semicon Device
TT2140LS SANYO-TT2140LS Datasheet
40Kb / 4P
COLOR TV HORIZONTAL DEFLECTION OUTPUT APPLICATIONS(NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR)
TT2202 SANYO-TT2202 Datasheet
46Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
2SC6093LS SANYO-2SC6093LS Datasheet
48Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
2SC6118LS SANYO-2SC6118LS Datasheet
52Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
TT2218LS SANYO-TT2218LS Datasheet
35Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
TT2234 SANYO-TT2234 Datasheet
38Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
2SC6092LS SANYO-2SC6092LS Datasheet
55Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
2SD1886C SANYO-2SD1886C Datasheet
56Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com