Electronic Components Datasheet Search
  English  ▼

X  

2SC6117 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC6117
Description  NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6117 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC6117 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6117 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6117 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6117 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC6117
No. A0901-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=4.5A, IB=0.9A
2
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=4.5A, IB=0.9A
1.5
V
DC Current Gain
hFE1VCE=5V, IC=1A
10
hFE2VCE=5V, IC=5A
5.3
7.5
Diode Forward Voltage
VF
IEC=7A
2
V
Fall Time
tf
IC=3A, IB1=0.6A, IB2=--1.2A
0.2
µs
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7504-001
VR
RB
VCC=200V
VBE= --5V
++
50Ω
INPUT
OUTPUT
RL=66.7Ω
100µF
470µF
PW=20µs
IB1
D.C.≤1%
IB2
16.0
3.4
12
3
2.0
2.8
2.1
5.45
5.45
0.7
0.9
5.6
3.1
1 : Base
2 : Collector
3 : Emitter
SANYO : TO-3PMLH
01
357
9
0
24
6
8
1
2
3
4
5
6
7
8
10
Collector-to-Emitter Voltage, VCE -- V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
2
3
4
5
6
7
8
9
0
1
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
0.2A
0.05A
0.4A
0.6A
0.8A
1.0A
2.0A
1.2A
1.4A
1.6A
IC -- VCE
IT01800
IT01801
VCE=5V
IB=0A
1.8A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com