Electronic Components Datasheet Search
  English  ▼

X  

ACZ12 Datasheet(PDF) 1 Page - Same Sky Devices

Part # ACZ12
Description  MECHANICAL INCREMENTAL ENCODER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

ACZ12 Datasheet(HTML) 1 Page - Same Sky Devices

  ACZ12 Datasheet HTML 1Page - Same Sky Devices ACZ12 Datasheet HTML 2Page - Same Sky Devices ACZ12 Datasheet HTML 3Page - Same Sky Devices ACZ12 Datasheet HTML 4Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 09/12/2024
page 1 of 4
SERIES: ACZ12 | DESCRIPTION: MECHANICAL INCREMENTAL ENCODER
sameskydevices.com
ELECTRICAL SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
output waveform
square wave
output signals
A, B phase
current consumption
10 mA
output phase difference
T1, T2, T3, T4 ≥ 3.5 ms @ 60 rpm (see output waveform)
supply voltage
12 V dc max.
output resolution
12, 24 ppr
switch rating
12 V dc, 50 mA (ACZ12BRXE models only)
insulation resistance
300 V dc, 100 MΩ
withstand voltage
300 V ac
MECHANICAL SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
shaft load
axial
3
kgf
rotational torque
with detent click
without detent click
30
60
80
200
100
gf•cm
gf•cm
push switch operational force
(ACZ12BRXE models only)
300
900
gf•cm
push switch life
(ACZ12BRXE models only)
50,000
rotational life
30,000
cycles
ENVIRONMENTAL SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
operating temperature
-10
75
°C
storage temperature
-20
85
°C
humidity
85
% RH
vibration
0.75 mm max. travel for 2 hours
10
55
Hz
PART NUMBER KEY
ACZ12 X BR X E - XX XX X1 - XXX
Resolution (ppr):
12 = 12 ppr, no detent
12C = 12 ppr, 12 detent
24 = 24 ppr, no detent
24C = 24 ppr, 24 detent
Bushing:
2 = 5 mm
3 = 2 mm
Shaft length:
KQ: 15, 20
F: 17.5, 20, 25
Shaft type:
KQ, F
Mounting orientation:
A = Horizontal (*Not Available with Switch)
D = Vertical
Version:
“blank” = switch (momentary)
N = no switch
CUI Devices is now Same Sky!
Learn More
Additional Resources: Product Page


Similar Part No. - ACZ12

ManufacturerPart #DatasheetDescription
logo
CUI INC
ACZ12 CUI-ACZ12 Datasheet
123Kb / 3P
mec hanic al incr emen tal encoder
ACZ12BR2E-15KQ-A1-12 CUI-ACZ12BR2E-15KQ-A1-12 Datasheet
123Kb / 3P
mec hanic al incr emen tal encoder
ACZ12BR2E-15KQ-A1-12C CUI-ACZ12BR2E-15KQ-A1-12C Datasheet
123Kb / 3P
mec hanic al incr emen tal encoder
ACZ12BR2E-15KQ-A1-24 CUI-ACZ12BR2E-15KQ-A1-24 Datasheet
123Kb / 3P
mec hanic al incr emen tal encoder
ACZ12BR2E-15KQ-A1-24C CUI-ACZ12BR2E-15KQ-A1-24C Datasheet
123Kb / 3P
mec hanic al incr emen tal encoder
More results

Similar Description - ACZ12

ManufacturerPart #DatasheetDescription
logo
CUI INC
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
ACZ11 CUI-ACZ11 Datasheet
189Kb / 3P
mechanical incremental encoder
ACZ16 CUI-ACZ16_10 Datasheet
106Kb / 3P
mechanical incremental encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
ACZ09 CUI-ACZ09 Datasheet
126Kb / 3P
MECHANICAL INCREMENTAL ENCODER
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
logo
Wurth Elektronik GmbH &...
482009514001 WURTH-482009514001 Datasheet
613Kb / 8P
WS-ENTV Mechanical Incremental Encoder Switch
002.001
logo
CUI INC
ACZ16 CUI-ACZ16_V01 Datasheet
428Kb / 4P
MECHANICAL INCREMENTAL ENCODER
07/14/2020
ACZ11 CUI-ACZ11_V01 Datasheet
357Kb / 4P
MECHANICAL INCREMENTAL ENCODER
06/15/2020
ACZ09 CUI-ACZ09_V01 Datasheet
274Kb / 4P
MECHANICAL INCREMENTAL ENCODER
08/10/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com