Electronic Components Datasheet Search
  English  ▼

X  

ACZ12 Datasheet(PDF) 2 Page - Same Sky Devices

Part # ACZ12
Description  MECHANICAL INCREMENTAL ENCODER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

ACZ12 Datasheet(HTML) 2 Page - Same Sky Devices

  ACZ12 Datasheet HTML 1Page - Same Sky Devices ACZ12 Datasheet HTML 2Page - Same Sky Devices ACZ12 Datasheet HTML 3Page - Same Sky Devices ACZ12 Datasheet HTML 4Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SAME SKY | SERIES: ACZ12 | DESCRIPTION: MECHANICAL INCREMENTAL ENCODER
date 09/12/2024 | page 2 of 4
sameskydevices.com
SHAFT OPTIONS
F type
F type
KQ type
KQ type
75
H= 2 or 5 (mm)
25F 20F 17F
L2520 17.5
F127
5
H= 2 or 5 (mm)
20KQ 15KQ
L2015
I
H
25mm
32mm
BUSHING
OUTPUT WAVEFORM
DETENT POSITIONS
SLIDING NOISE
SUGGESTED FILTER
Encoder
Scope
t = Masking time to avoid chatter (5mS) V1 = V2 = 1V max.
Te sted at 60 rpm
V1
V2
ON
OF FO N
tt
Sliding Directio n
+5VDC
R2
R1, R2, R3, R4 = 10k
Ω
C1, C2 = 0.01
µF
ENCODER
R4
Sig B OUT
Sig A OUT
2
C
1
C
Encoder
Terminal A
Encoder
Terminal B
Encoder
Terminal C
CH A
CW direction (@ 60 rpm)
CH B
T4
T3
T2
T1
(Pins A & C)
(Pins B & C)
CH A
CH B
(Pins A & C)
(Pins B & C)
Model 12C & 24C
CW direction
Closed
Open
Open
Closed
Open
Closed
Open
Closed
→
Additional Resources: Product Page



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com