Electronic Components Datasheet Search
  English  ▼

X  

AL58221 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL58221
Description  12-CHANNEL RGB LED DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL58221 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL58221 Datasheet HTML 1Page - Diodes Incorporated AL58221 Datasheet HTML 2Page - Diodes Incorporated AL58221 Datasheet HTML 3Page - Diodes Incorporated AL58221 Datasheet HTML 4Page - Diodes Incorporated AL58221 Datasheet HTML 5Page - Diodes Incorporated AL58221 Datasheet HTML 6Page - Diodes Incorporated AL58221 Datasheet HTML 7Page - Diodes Incorporated AL58221 Datasheet HTML 8Page - Diodes Incorporated AL58221 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
AL58221
Document number: DS46476 Rev. 2 - 2
2 of 26
www.diodes.com
April 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AL58221
VDD
INPUT
GND
VDD
INPUT
GND
VDD
OUTPUT
GND
Typical Applications Circuit
DIN
DCKI
DI
DCKI
DO
DCKO
REXT_C
REXT_B
REXT_A
GND
VDD
OUTA3
OUTB3
OUTC3
OUTC0
VSS
VDD
Vled
...
Chip 1
DI
DCKI
DO
DCKO
REXT_C
REXT_B
REXT_A
GND
VDD
OUTA3
OUTB3
OUTC3
OUTC0
...
Chip N
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1, 2, 3
REXT_C, REXT_B, REXT_A
External resistors connected between REXT and GND for individual output current
value setting.
4, 7, 16,19
OUTC[0:3]
Constant current outputs
5, 8, 17, 20
OUTB[0:3]
6, 9, 18, 21
OUTA[0:3]
10
GCKI
External grayscale clock input for PWM/APDM operation.
11
DCKI
Clock input terminal for serial data transfer. Data is sampled at both rising edge and
falling edge of DCKI.
12
DCKO
Clock output terminal for serial data transfer.
13
DI
Serial data input terminal.
14
DO
Serial data output terminal.
15
GCKO
Grayscale clock output
When command data “osc” = ‘L’, GCKO comes from internal osc
When command data “osc” = ‘H’, GCKO comes from GCKI
22
NC
No connect
23
VDD
Supply voltage terminal.
24
GND
Ground terminal
Equivalent Circuit of Inputs and Outputs
1. DI, DCKI terminals
2. DO, DCKO, GCKO terminals
3. GCKI terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com