Electronic Components Datasheet Search
  English  ▼

X  

AL58221 Datasheet(PDF) 21 Page - Diodes Incorporated

Part # AL58221
Description  12-CHANNEL RGB LED DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL58221 Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button AL58221 Datasheet HTML 17Page - Diodes Incorporated AL58221 Datasheet HTML 18Page - Diodes Incorporated AL58221 Datasheet HTML 19Page - Diodes Incorporated AL58221 Datasheet HTML 20Page - Diodes Incorporated AL58221 Datasheet HTML 21Page - Diodes Incorporated AL58221 Datasheet HTML 22Page - Diodes Incorporated AL58221 Datasheet HTML 23Page - Diodes Incorporated AL58221 Datasheet HTML 24Page - Diodes Incorporated AL58221 Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
AL58221
Document number: DS46476 Rev. 2 - 2
21 of 26
www.diodes.com
April 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AL58221
Application Information (continued)
1.
Work as LED driver with system supply voltage = 5V (Set CMD[2] =
“L”)
Use internal grayscale clock & Internal-latch function
DI
DCKI
DO
DCKO
5V
DI
DCKI
GND
5V
TVS2
R1
R2
C2
0.1uF
C1
5V
DO
DCKO
GND
TVS3
DI
DCKI
DO
DCKO
C4
0.1uF
C3
R3
R4
DO1
DCKO1
DO1
DCKO1
TVS1
D1
Reverse bias
protection
(optional)
(for longer
distance
connection)
C5
RL
(reduce power
dissipation
)
RL
RL
RL
RL (reduce power
dissipation
)
RL
RL
RL
Symbol
Value
(just for reference)
Description
R1, R2, R3, R4
33~100Ω
resistor for hot-plug protection
C1, C3
4.7~47uF
capacitor for voltage stability
C2, C4
0.1uF
decoupling capacitor
C5
33~130pF
capacitor for longer distance connection
D1
⎯
diode for reverse bias protection (optional)
RL
⎯
used to reduce the power dissipation of AL58221
* Users may use suitable value for different applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com