Electronic Components Datasheet Search
  English  ▼

X  

BFO000K Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BFO000K
Description  Reflectors, Fibers, Optics
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BFO000K Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BFO000K Datasheet HTML 1Page - Balluff Korea Ltd. BFO000K Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Reflectors, Fibers, Optics
BFO 18A-LAA-MZG-20-2
Order Code: BFO000K
Internet
www.balluff.com
eCl@ss 9.1: 27-27-36-06
Subject to change without notice: 551311
ETIM 6.0: EC002651
BFO000K_0.52_2024-08-27
1 / 2
1) Disc removable
Basic features
Basic standard
IEC 60947-5-2
Reference base unit
BFB M18M-011-P-S4
Scope of delivery
Fiber optics
Version
M5, standard
Environmental conditions
Ambient temperature
-20...250 °C
Ambient temperature connection area
Acc. to fiber optic sensor
Ambient temperature max.
250 °C static, 170 °C dynamic
IP rating
IP50
Material
Active surface, fiber arrangement
Homogeneous bundle
Fiber type material
Glass
Housing material
Brass, Blackened
Material jacket
Stainless steel
Surface protection
Blackened
Mechanical data
Active surface, fibers
Bundle Ø 1.0 mm
Cable diameter D
7.00 mm
Cable length L
2 m
Cable, bending radius min.
60 mm
Connection
M18x1
Connection type
Adapter head, 2.00 m, Stainless
steel
Dimension
Ø 8 x 30 mm
Fiber optic cable, structure
Fiber bundle in metal coil
Length B min., without bending
15.00 mm
Mounting part
Clamped
Tensile load max. at 20 °C
80 N
Range/Distance
Range
200 mm
Rated operating distance Sn
200 mm
Real switching distance sr
200 mm


Similar Part No. - BFO000K

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BFO0003 BALLUFF-BFO0003 Datasheet
96Kb / 1P
Reflectors, Fibers, Optics
0.3_2021-11-04
BFO0004 BALLUFF-BFO0004 Datasheet
109Kb / 2P
Reflectors, Fibers, Optics
0.3_2021-04-01
BFO0005 BALLUFF-BFO0005 Datasheet
95Kb / 1P
Reflectors, Fibers, Optics
0.32_2021-04-01
BFO0006 BALLUFF-BFO0006 Datasheet
95Kb / 1P
Reflectors, Fibers, Optics
0.29_2021-04-01
BFO0007 BALLUFF-BFO0007 Datasheet
96Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-11-04
More results

Similar Description - BFO000K

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAM00UL BALLUFF-BAM00UL Datasheet
105Kb / 1P
Reflectors, Fibers, Optics
0.2_2021-03-31
BAM00WA BALLUFF-BAM00WA Datasheet
88Kb / 1P
Reflectors, Fibers, Optics
0.22_2021-04-01
BAM01NH BALLUFF-BAM01NH Datasheet
88Kb / 1P
Reflectors, Fibers, Optics
0.36_2021-04-01
BAM0332 BALLUFF-BAM0332 Datasheet
91Kb / 1P
Reflectors, Fibers, Optics
0.2_2021-05-20
BFO000C BALLUFF-BFO000C Datasheet
91Kb / 1P
Reflectors, Fibers, Optics
0.3_2021-12-02
BFO00AY BALLUFF-BFO00AY Datasheet
92Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-04-01
BFO00C4 BALLUFF-BFO00C4 Datasheet
99Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-04-01
BFO00C8 BALLUFF-BFO00C8 Datasheet
96Kb / 1P
Reflectors, Fibers, Optics
0.31_2021-12-02
BFO00E9 BALLUFF-BFO00E9 Datasheet
94Kb / 1P
Reflectors, Fibers, Optics
0.27_2021-04-01
BFO00EA BALLUFF-BFO00EA Datasheet
95Kb / 1P
Reflectors, Fibers, Optics
0.23_2021-04-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com