Electronic Components Datasheet Search
  English  ▼

X  

BFO000K Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BFO000K
Description  Reflectors, Fibers, Optics
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BFO000K Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BFO000K Datasheet HTML 1Page - Balluff Korea Ltd. BFO000K Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Reflectors, Fibers, Optics
BFO 18A-LAA-MZG-20-2
Order Code: BFO000K
Internet
www.balluff.com
eCl@ss 9.1: 27-27-36-06
Subject to change without notice: 551311
ETIM 6.0: EC002651
BFO000K_0.52_2024-08-27
2 / 2
Remarks
Order accessories separately.
Route fiber optic cable so that no excessive tensile, compression or torsional forces are permitted. Observe permissible bending radiuses. Installation may
affect the switching distance.
Reference object (target): gray card, 200 x 200, 90 % remission, axial approach.
Opto Symbols



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com