Electronic Components Datasheet Search
  English  ▼

X  

CDB44800 Datasheet(PDF) 53 Page - Cirrus Logic

Part # CDB44800
Description  8-Channel Digital Amplifier Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB44800 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CDB44800 Datasheet HTML 49Page - Cirrus Logic CDB44800 Datasheet HTML 50Page - Cirrus Logic CDB44800 Datasheet HTML 51Page - Cirrus Logic CDB44800 Datasheet HTML 52Page - Cirrus Logic CDB44800 Datasheet HTML 53Page - Cirrus Logic CDB44800 Datasheet HTML 54Page - Cirrus Logic CDB44800 Datasheet HTML 55Page - Cirrus Logic CDB44800 Datasheet HTML 56Page - Cirrus Logic CDB44800 Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
DS632F1
53
CS44800
7.5
Misc. Configuration (address 04h)
7.5.1
Digital Interface Format (DIFX)
Default = 001
Function:
These bits select the digital interface format used for the DAI Serial Port. The required relationship be-
tween the Left/Right clock, serial clock, and serial data is defined by the Digital Interface Format and the
options are detailed in Figures 17 - 22.
7.5.2
AM Frequency Hopping (AM_FREQ_HOP)
Default = 0
Function:
Enables the modulator to alter the PWM switch timings to remove interference when the desired frequen-
cy from an AM tuner is positioned near the PWM switching rate. The PWM modulator circuitry must first
be powered down using the PDN bit in the Clock Configuration and Power Control (address 02h) Register
before this feature can be enabled. There will be a delay following the power-up sequence due to the re-
locking of the SRC. Once this feature is enabled, the output switch rate is divided by 2.25, resulting in a
lowered PWM switch rate. Care should be taken to ensure that:
PWM_MCLK / 16 > the upper frequency limit of the AM tuner used
7.5.3
Freeze Controls (FREEZE)
Default = 0
Function:
This function will freeze the previous output of, and allow modifications to be made to the Master Volume
Control (address 07h-08h), Channel XX Volume Control (address 09h-12h), and Channel Mute (address
13h) registers without the changes taking effect until the FREEZE bit is disabled. To make multiple chang-
es in these control port registers take effect simultaneously, enable the FREEZE bit, make all register
changes, then disable the FREEZE bit.
765
4
3
2
1
0
DIF2
DIF1
DIF0
RESERVED
AM_FREQ_HOP
FREEZE
DEM1
DEM0
DIF2
DIF1
DIF0
Description
Figure
0
0
0
Left-Justified, up to 24-bit data
18
0
0
1
I²S, up to 24-bit data
17
0
1
0
Right-Justified, 16-bit data
19
0
1
1
Right-Justified, 24-bit data
19
1
0
0
One-Line mode #1, 20-bit data
20
1
0
1
One-Line mode #2, 24-bit data
21
1
1
0
TDM Mode, up to 32-bit data
22
Table 5. Digital Audio Interface Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com