Electronic Components Datasheet Search
  English  ▼

X  

CDB44800 Datasheet(PDF) 59 Page - Cirrus Logic

Part # CDB44800
Description  8-Channel Digital Amplifier Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB44800 Datasheet(HTML) 59 Page - Cirrus Logic

Back Button CDB44800 Datasheet HTML 55Page - Cirrus Logic CDB44800 Datasheet HTML 56Page - Cirrus Logic CDB44800 Datasheet HTML 57Page - Cirrus Logic CDB44800 Datasheet HTML 58Page - Cirrus Logic CDB44800 Datasheet HTML 59Page - Cirrus Logic CDB44800 Datasheet HTML 60Page - Cirrus Logic CDB44800 Datasheet HTML 61Page - Cirrus Logic CDB44800 Datasheet HTML 62Page - Cirrus Logic CDB44800 Datasheet HTML 63Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 80 page
background image
DS632F1
59
CS44800
7.10
Channel XX Volume Control - Integer (addresses 09h - 10h)
7.10.1
Channel Volume Control - Integer (CHXx_IVOL[7:0])
Default = 00000000
Function:
The Channel X Volume Control - Integer register allows global control of the signal levels on all channels
in 1 dB increments from +24 to -127 dB. Volume settings are decoded as shown in Table 6. The volume
changes are implemented as specified by the Soft and Zero Cross bits (SZC[1:0]. All volume settings
greater than 00011000b are equivalent to +24 dB. Binary values for integer volume settings less than
0 dB are in two’s complement form.
7.11
Channel XX Volume Control1 - Fraction (address 11h)
7.12
Channel XX Volume Control2 - Fraction (address 12h)
7.12.1
Channel Volume Control - Fraction (CHXX_FVOL[1:0])
Default = 00
00 - +0.00 dB
01 - +0.25 dB
10 - +0.50 dB
11 - +0.75 dB
Function:
The Channel X Volume Control - Fraction register is an additional offset to the value in the Channel Vol-
ume Control - Integer register and allows global control of the signal levels on all channels in 0.25 dB in-
crements. Volume settings are decoded as shown in Table 7. These volume changes are implemented
as specified by the Soft and Zero Cross bits (SZC[1:0]). All volume settings greater than 00011000b are
equivalent to +24 dB. Binary values for integer and fractional volume settings less than 0 dB are in two’s
complement form.
See “Master Volume Control - Fraction (address 08h)” on page 57 for hints on converting decimal num-
bers to 2’s complement binary values.
765
43
21
0
CHXX_IVOL7
CHXX_IVOL6
CHXX_IVOL5
CHXX_IVOL4
CHXX_IVOL3
CHXX_IVOL2
CHXX_IVOL1
CHXX_IVOL0
CHXX_IVOL[7:0]
Hex Value
Volume Setting
0001 1000
18
+24 dB
0001 0111
17
+23 dB
0000 0001
01
+1 dB
0000 0000
00
0 dB
1111 1111
FF
-1 dB
1111 1110
FE
-2 dB
1000 0001
81
-127 dB
Table 8. Channel Integer Volume Settings
765
43
21
0
CHB2_FVOL1
CHB2_FVOL0
CHA2_FVOL1
CHA2_FVOL0
CHB1_FVOL1
CHB1_FVOL0
CHA1_FVOL1
CHA1_FVOL0
765
43
21
0
CHB4_FVOL1
CHB4_FVOL0
CHA4_FVOL1
CHA4_FVOL0
CHB3_FVOL1
CHB3_FVOL0
CHA3_FVOL1
CHA3_FVOL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com