Electronic Components Datasheet Search
  English  ▼

X  

MH25 Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # MH25
Description  High Voltage Metal Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

MH25 Datasheet(HTML) 1 Page - Welwyn Components Limited

  MH25 Datasheet HTML 1Page - Welwyn Components Limited MH25 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MH25
MH37
Power rating at 70°C max
watts
0.25
0.5
Resistance range
ohms
100K - 10M
100K - 3M
Limiting element voltage
volts dc or ac peak
1,600
3,500
Isolation voltage
volts
700
TCR
ppm/°C
100
Resistance tolerance
%
1, 2, 5
Standard values
E24 and E96 preferred
Thermal impedance
°C/watt
140
112
Ambient temperature range
°C
- 55 to 155
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue E · 10.05
A subsidiary of
TT electronics plc
Welwyn Components
191
Construction
Thin film material is sputtered on to high grade ceramic rods.
Nickel plated steel caps are force fitted and the termination
wires are welded to the caps. The value is obtained by a
helical cut in the film and finally the resistor body is protected
by a cement protection applied so that the terminations
remain completely clear.
Marking
1% tolerance resistors are colour coded with 5 bands.
2% and 5% tolerance have 4. Band IEC 62 colours are used.
Terminations
Material
Solder-coated copper wire.
Strength
The terminations satisfy the requirements of
IEC 68.2.21.
Solderability
The terminations meet the requirements of
IEC 115-1, Clause 4.17.3.2
Solvent resistance
The body protection and marking are resistant to all normal
industrial cleaning fluids suitable for printed boards.
Dimensions (mm) and Weight (g)
PCB
Min
mounting
Bend
Type
L max
D max
f min
d nom
centres
Radius
Wt.nom
MH25
6.2
2.5
21.0
0.6
10.2
0.6
0.3
MH37
9.0
3.7
19.6
0.8
12.7
1.2
0.5
Physical Data
L
D
f
d
High Voltage
Metal Film Resistors
MH Series
• BSEN 60065 Approval for MH37
in value range 680K to 3M
• High working voltage to 3.5KV
• Small size
• High pulse load capability
• Robust cement coating
• Value up to 10M


Similar Part No. - MH25

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
MH25 IRCTT-MH25 Datasheet
115Kb / 2P
High Voltage Metal Film Resistor
logo
Shindengen Electric Mfg...
MH2501SC SHINDENGEN-MH2501SC Datasheet
1Mb / 33P
Easy Multi Interleave Controller for multi-phase interleaved PFC
logo
MTRONPTI
MH25FAD MTRONPTI-MH25FAD Datasheet
229Kb / 1P
8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
MH25FAD-R MTRONPTI-MH25FAD-R Datasheet
229Kb / 1P
8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
MH25FAD-R MTRONPTI-MH25FAD-R Datasheet
393Kb / 1P
8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
More results

Similar Description - MH25

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
METAL FILM RESISTORS
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
Metal Film Resistors
logo
Riedon Powertron
MGM55 RIEDON-MGM55 Datasheet
231Kb / 2P
High Voltage Metal Glaze Film Resistors
logo
Vishay Siliconix
HVR3700001204JR500 VISHAY-HVR3700001204JR500 Datasheet
159Kb / 7P
High Ohmic/High Voltage Metal Film Leaded Resistors
02-Dec-09
HVR3700003304JA100 VISHAY-HVR3700003304JA100 Datasheet
159Kb / 7P
High Ohmic/High Voltage Metal Film Leaded Resistors
02-Dec-09
logo
List of Unclassifed Man...
RPW14 ETC-RPW14 Datasheet
138Kb / 1P
High Voltage Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
Metal film resistors
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
Metal Film Resistors Metal Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com