Electronic Components Datasheet Search
  English  ▼

X  

MH25 Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # MH25
Description  High Voltage Metal Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

MH25 Datasheet(HTML) 2 Page - Welwyn Components Limited

  MH25 Datasheet HTML 1Page - Welwyn Components Limited MH25 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High Voltage
Metal Film Resistors
MH Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Type
MH25
MH37
Ammo pack
5000
2500
Issue E · 10.05
Welwyn Components
192
52
f1
f2
6
5
Body Location f1 – f2
≤ 1.4 mm
6
Packaging
All MH series resistors are supplied tape packed ready for
loading on automatic sequencing and insertion machines.
Component wires will not protrude beyond the outside edge
of the tape.
Alternative packing available by request.
Lead Formed Resistors can also be supplied. Standard options
of Lancet, Radial and Goal Post forming are shown in the
Lead Form information sheet.
Application Notes
To ensure reliable performance at high voltages care should
be taken to avoid potential sources of ionic contamination
contacting the resistor body, for example, flux applied by
spraying, encapsulation materials or contaminants from the
environment of use.
Standard Quantities Per Package
Maximum
Typical
Load at rated voltage : 1000 hrs at 70°C
∆ R%
1.5
0.4
Derating from rated power at 70°C
Zero at 155°C
Overload
∆ R%
1.0
0.25
56 days at DHSS
∆ R%
1.5
0.2
Climatic
∆ R%
1.5
0.2
Climatic category
55/155/56
Temperature rapid change
∆ R%
0.5
0.05
Resistance to solder heat
∆ R%
0.5
0.05
Vibration and bump
∆ R%
0.5
0.05
Voltage proof
volts
700 min
Performance Data
Type
MH25
10MO
F
Resistance value
(IEC62 code)
Tolerance
(IEC62 code)
F1%
G2%
J5%
Ordering Procedure
Specify type reference, value and tolerance as shown in this example of MH25 10MR 1%:



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com