Electronic Components Datasheet Search
  English  ▼

X  

OARS Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # OARS
Description  Surface Mount Sense Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

OARS Datasheet(HTML) 1 Page - Welwyn Components Limited

  OARS Datasheet HTML 1Page - Welwyn Components Limited OARS Datasheet HTML 2Page - Welwyn Components Limited OARS Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Sense Resistors
OARS, OARS-XP, OARSZ Series
•
Flexible leads for thermal expansion
•
Open-air design reduces PCB heating
•
Values down to 1mΩ
•
Element TCR ±20ppm/ºC
•
Zero-ohm 65A jumper version
•
RoHS compliant
Electrical Data
OARS1
OARS-XP
Power rating at 25°C
watts
2
4
Power rating at 85ºC
watts
1
2
Resistance range
ohms
R002 to R050
R001 to R025
Resistance Tolerance
%
≤
R002: 5, > R002: 1, 5
Standard Values
(Enquire for unlisted values)
milliohms 2, 3, 4, 5, 10, 15, 20, 22, 25, 30, 40, 50
1, 2, 2.5, 5, 7.5, 10, 20, 25
Inductance
nH
<10
Ambient temperature range
°C
-55 to +160
OARS-1Z
Comments
Current rating at 25°C
amps
65
Current rating at 85°C
amps
46
Ambient temperature range
°C
-55 to +160
Zero-ohm jumper
Physical Data
Dimensions (mm) and recommended solder pads
Type
L
H
T
D
W
a nom. b nom. c nom. d nom.
OARS1 >R003, OARS-1Z
3.05
±0.76
OARS1-R003
11.18
±0.38
4.83
±0.76
3.18
±0.38
4.07
OARS1-R002
11.56
±0.38
3.51
±0.76
4.7
±0.76
3.56
±0.38
4.45
9.37
3.07
OARS-XP
10.7 to
12.0*
2.28 to
4.57*
2.36
±0.25
4.83
±0.76
6.35
±0.38
7.24
9.58
3.18
3.23
* Dependent on ohmic value
a
b
d
c
c
Issue F .09.07


Similar Part No. - OARS

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OARS TTELEC-OARS Datasheet
1Mb / 5P
Open-air design reduces PCB heating
logo
IRC - a TT electronics ...
OARS-1Z IRCTT-OARS-1Z Datasheet
135Kb / 2P
Open Air Zero Ohm Jumpers
OARS-XPR005FLF IRCTT-OARS-XPR005FLF Datasheet
108Kb / 3P
Open Air Sense Resistors Metal Alloy Strip
OARS-XPR005JLF IRCTT-OARS-XPR005JLF Datasheet
108Kb / 3P
Open Air Sense Resistors Metal Alloy Strip
OARS1R005FLF IRCTT-OARS1R005FLF Datasheet
150Kb / 4P
Open Air Sense Resistors Metal Alloy Strip
More results

Similar Description - OARS

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SL1TTE KOA-SL1TTE Datasheet
102Kb / 2P
surface mount molded current sense resistors
SL1TTE20L0F KOA-SL1TTE20L0F Datasheet
284Kb / 2P
surface mount molded current sense resistors
SL1TTE13L0F KOA-SL1TTE13L0F Datasheet
281Kb / 2P
Surface mount molded current sense resistors
logo
List of Unclassifed Man...
OARSXPR002FLF ETC2-OARSXPR002FLF Datasheet
854Kb / 5P
Surface Mount Sense Resistors
logo
KOA Speer Electronics, ...
SLW07 KOA-SLW07 Datasheet
575Kb / 2P
surface mount molded current sense resistors
logo
TT Electronics.
OARS1R025FLF TTELEC-OARS1R025FLF Datasheet
1Mb / 5P
Surface Mount Sense Resistors
OARS1R050FLF TTELEC-OARS1R050FLF Datasheet
1Mb / 5P
Surface Mount Sense Resistors
OARS3R003FLF TTELEC-OARS3R003FLF Datasheet
1Mb / 5P
Surface Mount Sense Resistors
OARSXPR010FLF TTELEC-OARSXPR010FLF Datasheet
1Mb / 5P
Surface Mount Sense Resistors
OARSXPR020FLF TTELEC-OARSXPR020FLF Datasheet
1Mb / 5P
Surface Mount Sense Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com