Electronic Components Datasheet Search
  English  ▼

X  

OARS Datasheet(PDF) 3 Page - Welwyn Components Limited

Part # OARS
Description  Surface Mount Sense Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

OARS Datasheet(HTML) 3 Page - Welwyn Components Limited

  OARS Datasheet HTML 1Page - Welwyn Components Limited OARS Datasheet HTML 2Page - Welwyn Components Limited OARS Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Surface Mount Sense Resistors
OARS, OARS-XP, OARSZ Series
Flammability
The resistor will not burn or emit incandescent particles under any condition of applied temperature or overload.
Marking
The parts are legend marked with ohmic value and tolerance code.
Packaging Data
Dimensions (mm)
Type
A
B
C
D
E
F
G
OARS1, OARS-1Z 4.32±0.08 11.7±0.08
8±0.1
OARS-XP-R001
11.94±0.1
OARS-XP >R001
7.21±0.1
11.56±0.1
24±0.3
11.5±0.1
1.75±0.1
12±0.1
4±0.1
Ordering Procedure
Example: OARS1 at 10 milliohms and 5% tolerance on a reel of 1900 pieces -
O A R S 1 – R 0 1 J I
Type
OARS1
OARS-XP
Value (use IEC62 code)
Tolerance (use IEC62 code)
F
1%
J
5%
Packing
OARS1
1900/reel
I
Tape
OARS-XP
1200/reel Standard
For the zero-ohm link, order
OARS-1Z (Pack quantity is 1900/reel)
Issue F .09.07



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com