Electronic Components Datasheet Search
  English  ▼

X  

AD8646 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8646
Description  24 MHz Rail-to-Rail Dual Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8646 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8646 Datasheet HTML 4Page - Analog Devices AD8646 Datasheet HTML 5Page - Analog Devices AD8646 Datasheet HTML 6Page - Analog Devices AD8646 Datasheet HTML 7Page - Analog Devices AD8646 Datasheet HTML 8Page - Analog Devices AD8646 Datasheet HTML 9Page - Analog Devices AD8646 Datasheet HTML 10Page - Analog Devices AD8646 Datasheet HTML 11Page - Analog Devices AD8646 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD8646
Rev. 0 | Page 10 of 12
VSY = 2.7V, VCM = 1.35V, VIN = 100mV p-p,
TA = 25°C, RL = 10kΩ, CL = 100pF
(200ns/DIV)
Figure 26. 2.7 V Small Signal Transient Response
VSY = 2.7V, VIN = 2V p-p,
TA = 25°C, RL = 10kΩ, CL = 100pF
(200ns/DIV)
Figure 27. 2.7 V Large Signal Transient Response
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
10
100
1k
10k
100k
FREQUENCY (Hz)
VSY = ±2.5V
RL = 600Ω
AV = 1
TA = 25°C
Figure 28. THD + Noise vs. Frequency
VSY = 5V, VCM = 2.5V, VIN = 100mV p-p,
TA = 25°C, RL = 10kΩ, CL = 100pF
(200ns/DIV)
Figure 29. 5 V Small Signal Transient Response
VSY = 5V, VIN = 4V p-p,
TA = 25°C, RL = 10kΩ, CL = 100pF
(200ns/DIV)
Figure 30. 5 V Large Signal Transient Response
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
10
100
1k
10k
100k
FREQUENCY (Hz)
VSY = ±2.5V
RL = 600Ω
AV = –10
TA = 25°C
Figure 31. THD + Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com