Electronic Components Datasheet Search
  English  ▼

X  

AD8646 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8646
Description  24 MHz Rail-to-Rail Dual Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8646 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8646 Datasheet HTML 4Page - Analog Devices AD8646 Datasheet HTML 5Page - Analog Devices AD8646 Datasheet HTML 6Page - Analog Devices AD8646 Datasheet HTML 7Page - Analog Devices AD8646 Datasheet HTML 8Page - Analog Devices AD8646 Datasheet HTML 9Page - Analog Devices AD8646 Datasheet HTML 10Page - Analog Devices AD8646 Datasheet HTML 11Page - Analog Devices AD8646 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD8646
Rev. 0 | Page 11 of 12
20
18
16
14
12
10
8
6
4
2
0
100
1k
10k
100k
FREQUENCY (Hz)
VSY = 5V
TA = 25°C
1000
100
10
1
0.1
25
125
105
80
65
45
TEMPERATURE (°C)
VDD = 5V
Figure 32. Voltage Noise Density vs. Frequency
Figure 35. Input Bias Current vs. Temperature
4000
3500
3000
2500
2000
1500
1000
500
0
05
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
VSY (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
100
1k
10k
FREQUENCY (kHz)
VSY = 5V
VIN = 4.9V
AV = 1
RL = 10kΩ
TA = 25°C
.0
TA = 25°C
BOTH AMPS
Figure 36. Supply Current vs. Supply Voltage
Figure 33. Maximum Output Swing vs. Frequency
M4.00s
A CH1
0.00V
2.3µV p-p
VSY = 2.7V TO 5V
TA = 25°C
0
–20
–40
–60
–80
–100
–120
1k
10k
100k
FREQUENCY (Hz)
VIN = 2V p-p
VIN = 0.5V p-p
VSY = 5V
RL = 2kΩ
AV = –100
TA = 25°C
Figure 34. 0.1 Hz to 10 Hz Voltage Noise
Figure 37. Channel Separation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com