Electronic Components Datasheet Search
  English  ▼

X  

ICS95V842I Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS95V842I
Description  DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS95V842I Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS95V842I Datasheet HTML 1Page - Integrated Circuit Systems ICS95V842I Datasheet HTML 2Page - Integrated Circuit Systems ICS95V842I Datasheet HTML 3Page - Integrated Circuit Systems ICS95V842I Datasheet HTML 4Page - Integrated Circuit Systems ICS95V842I Datasheet HTML 5Page - Integrated Circuit Systems ICS95V842I Datasheet HTML 6Page - Integrated Circuit Systems ICS95V842I Datasheet HTML 7Page - Integrated Circuit Systems ICS95V842I Datasheet HTML 8Page - Integrated Circuit Systems ICS95V842I Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
ICS95V842I
1234A—06/13/06
Absolute Maximum Ratings
Supply Voltage: (VDD & AVDD) . . . . . . . . . . . . . . . . -0.5V to 3.6V
Input clamp current: IIK (VI < 0 or VI > VDD) . . . . . . +/- 50mA
Output clamp current: IOK (VO < 0 or VO > VDD) . . +/- 50mA
Continuous output current: IO (VO = 0 to VDD) . . . . +/- 50mA
Package thermal impedance, theta JA: DGG package +89°C/
Ω
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above those
listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = -40°C to +85°C; Supply Voltage AVDD, VDD = 2.5 V +/- 0.2V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Current
IIH
VI = VDD or GND
5µA
Input Low Current
IIL
VI = VDD or GND
5µA
IDD2.5
CL = 0pF, RL =
∞Ω
160
mA
IDDPD
CL = 0pF, RL =
∞Ω
100
µA
Output High Current
IOH
VDD = 2.3V, VOUT = 1V
-18
mA
Output Low Current
IOL
VDD = 2.3V, VOUT = 1.2V
26
mA
High Impedance
Output Current
IOZ
VDD=2.7V, Vout=VDD or GND
±10
µA
Input Clamp Voltage
VIK
Iin = -18mA
-1.2
V
VDD = min to max,
IOH = -1 mA
VDD - 0.1
V
VDD = 2.3V,
IOH = -12 mA
1.7
V
VDD = min to max
IOL=1 mA
0.1
VDD = 2.3V
IOH=12 mA
0.6
V
Input Capacitance
1
CIN
VI = VDD or GND
3
pF
Output Capacitance
1
COUT
VI = VDD or GND
3pF
1Guaranteed by design and characterization, not 100% tested in production.
Operating Supply
Current
High-level output voltage
VOH
Low-level output voltage
VOL



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com