Electronic Components Datasheet Search
  English  ▼

X  

ICS95V842I Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS95V842I
Description  DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS95V842I Datasheet(HTML) 9 Page - Integrated Circuit Systems

  ICS95V842I Datasheet HTML 1Page - Integrated Circuit Systems ICS95V842I Datasheet HTML 2Page - Integrated Circuit Systems ICS95V842I Datasheet HTML 3Page - Integrated Circuit Systems ICS95V842I Datasheet HTML 4Page - Integrated Circuit Systems ICS95V842I Datasheet HTML 5Page - Integrated Circuit Systems ICS95V842I Datasheet HTML 6Page - Integrated Circuit Systems ICS95V842I Datasheet HTML 7Page - Integrated Circuit Systems ICS95V842I Datasheet HTML 8Page - Integrated Circuit Systems ICS95V842I Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
ICS95V842I
1234A—06/13/06
Ordering Information
ICS95V842yFILF-T
MIN
MAX
MIN
MAX
A
1.35
1.75
.053
.069
A1
0.10
0.25
.004
.010
A2
--
1.50
--
.059
b
0.20
0.30
.008
.012
c
0.18
0.25
.007
.010
D
E
5.80
6.20
.228
.244
E1
3.80
4.00
.150
.157
e
L
0.40
1.27
.016
.050
N
a
0°
8°0°8°
ZD
VARIATIONS
ZD
ZD
MIN
MAX
(Ref)
MIN
MAX
(Ref)
16
4.80
5.00
0.23
.189
.197
.009
10-0032
In Millimeters
In Inches
COMMON DIMENSIONS
Reference Doc.: JEDEC Publication 95, MO-137
SEE VARIATIONS
0.635 BASIC
0.025 BASIC
COMMON DIMENSIONS
16-Lead, 150 mil SSOP (QSOP)
N
SEE VARIATIONS
SEE VARIATIONS
D (inch)
SEE VARIATIONS
SEE VARIATIONS
D mm.
SYMBOL
SEE VARIATIONS
Example:
Designation for tape and reel packaging
Lead Free, RoHS Compliant (Optional)
I = Industrial Temperature Range
Package Type
F = SSOP
Revision Designator (will not correlate with datasheet revision)
Device Type
Prefix
ICS = Standard Device
ICS XXXX y F I LF - T



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com