Electronic Components Datasheet Search
  English  ▼

X  

MRF24J40 Datasheet(PDF) 39 Page - Microchip Technology

Part # MRF24J40
Description  IEEE 802.15.4??2.4 GHz RF Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MRF24J40 Datasheet HTML 35Page - Microchip Technology MRF24J40 Datasheet HTML 36Page - Microchip Technology MRF24J40 Datasheet HTML 37Page - Microchip Technology MRF24J40 Datasheet HTML 38Page - Microchip Technology MRF24J40 Datasheet HTML 39Page - Microchip Technology MRF24J40 Datasheet HTML 40Page - Microchip Technology MRF24J40 Datasheet HTML 41Page - Microchip Technology MRF24J40 Datasheet HTML 42Page - Microchip Technology MRF24J40 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
© 2006 Microchip Technology Inc.
Advance Information
DS39776A-page 37
MRF24J40
REGISTER 8-2:
INTMSK: INTERRUPT MASK REGISTER
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
SLPMSK
WAKEMSK HSYMTMRMSK
SECMSK
RXMSK
GTS2TXMSK GTS1TXMSK
TXMSK
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
SLPMSK: Sleep Alert Mask bit
0
= Enable Sleep interrupt
1
= Otherwise
bit 6
WAKEMSK: Wake-up Alert Mask bit
0
= Enable Wake interrupt
1
= Otherwise
bit 5
HSYMTMRMSK: Half Symbol Timer Mask bit
0
= Enable half symbol timer interrupt
1
= Otherwise
bit 4
SECMSK: Security Interrupt Mask bit
0
= Enable security interrupt
1
= Otherwise
bit 3
RXMSK: RX OK Mask bit
0
= Enable receive interrupt
1
= Otherwise
bit 2
GTS2TXMSK: GTS FIFO 2 IRQ Mask bit
0
= Enable GTS FIFO 2 transmit interrupt
1
= Otherwise
bit 1
GTS1TXMSK: GTS FIFO 1 IRQ Mask bit
0
= Enable GTS FIFO 1 transmit interrupt
1
= Otherwise
bit 0
TXMSK: TX Normal FIFO IRQ Mask bit
0
= Enable normal FIFO transmit interrupt
1
= Otherwise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com