Electronic Components Datasheet Search
  English  ▼

X  

MRF24J40 Datasheet(PDF) 65 Page - Microchip Technology

Part # MRF24J40
Description  IEEE 802.15.4??2.4 GHz RF Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40 Datasheet(HTML) 65 Page - Microchip Technology

Back Button MRF24J40 Datasheet HTML 58Page - Microchip Technology MRF24J40 Datasheet HTML 59Page - Microchip Technology MRF24J40 Datasheet HTML 60Page - Microchip Technology MRF24J40 Datasheet HTML 61Page - Microchip Technology MRF24J40 Datasheet HTML 62Page - Microchip Technology MRF24J40 Datasheet HTML 63Page - Microchip Technology MRF24J40 Datasheet HTML 64Page - Microchip Technology MRF24J40 Datasheet HTML 65Page - Microchip Technology MRF24J40 Datasheet HTML 66Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 65 / 66 page
background image
© 2006 Microchip Technology Inc.
Advance Information
DS39776A-page 63
MRF24J40
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
MRF24J40: IEEE 802.15.4™ 2.4 GHz RF Transceiver
Temperature Range
I
= -40
°C to +85°C (Industrial)
Package
MM = QFN (Plastic Quad Flat, No Lead)
Example:
a)
MRF24J40-I/MM: Industrial temperature,
QFN package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com