Electronic Components Datasheet Search
  English  ▼

X  

AMT31 Datasheet(PDF) 9 Page - Same Sky Devices

Part # AMT31
Description  MODULAR COMMUTATION ENCODER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

AMT31 Datasheet(HTML) 9 Page - Same Sky Devices

Back Button AMT31 Datasheet HTML 3Page - Same Sky Devices AMT31 Datasheet HTML 4Page - Same Sky Devices AMT31 Datasheet HTML 5Page - Same Sky Devices AMT31 Datasheet HTML 6Page - Same Sky Devices AMT31 Datasheet HTML 7Page - Same Sky Devices AMT31 Datasheet HTML 8Page - Same Sky Devices AMT31 Datasheet HTML 9Page - Same Sky Devices AMT31 Datasheet HTML 10Page - Same Sky Devices AMT31 Datasheet HTML 11Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SAME SKY | SERIES: AMT31 | DESCRIPTION: MODULAR COMMUTATION ENCODER
date 09/12/2024 | page 9 of 11
sameskydevices.com
Command
Action
Use
0
This command sends an ascii ‘0’ (hex value
0x30).
This zeros the encoder and sets the index at the current angular position along
with the rising edge of the commutation channel U. This position is stored in non-
volatile memory and will remain present until a zero command is set again or the
encoder is reprogrammed via the AMT Viewpoint™ application.
Q
This command sends an ascii ‘Q’ (hex value
0x51).
This command restarts the encoder as if it were power cycled.
APPLICATION NOTES
Pin
Description
Connection
TX_ENC+
This is the pin that the encoder transmits
serial data on.
Connect this pin to the receiver input of your serial/UART interface.
RX_ENC+
This is the pin that the encoder receives
serial commands on.
Connect this pin to your serial/UART interface transmitter output.
MCLRB
This pin is used to force the encoder into
reset for reprogramming via the AMT
Viewpoint™ application.
Connection of this pin is not required for the above serial commands.
45
Command: 0 (hex: 0x30, binary: 0b00001100)
Start
0123
Response: \r (hex: 0x0d, binary: 0b10110000)
Stop
Stop
7
TX_ENC+
Start
0123456
RX_ENC+
67
The AMT31 series encoder is designed to operate with a serial UART interface. This interface allows the encoder to be configured and programmed
by the AMT Viewpoint™ application. Along with programming, the AMT Viewpoint™ application uses the serial interface for diagnostics and motor pole
alignment. Below are instructions on how to use the serial interface for position zeroing.
Serial Commands
Table 1
Serial Pins
Table 2
Serial Timing Diagram
Figure 3
The serial interface operates at 115200 baud with 8 data bits, no parity, and 1 stop bit, and 1 start bit. This is the standard UART protocol. Data lines
TX_ENC+ and RX_ENC+ are high when inactive.
SERIAL INTERFACE
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com