Electronic Components Datasheet Search
  English  ▼

X  

AMT31 Datasheet(PDF) 2 Page - Same Sky Devices

Part # AMT31
Description  MODULAR COMMUTATION ENCODER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

AMT31 Datasheet(HTML) 2 Page - Same Sky Devices

  AMT31 Datasheet HTML 1Page - Same Sky Devices AMT31 Datasheet HTML 2Page - Same Sky Devices AMT31 Datasheet HTML 3Page - Same Sky Devices AMT31 Datasheet HTML 4Page - Same Sky Devices AMT31 Datasheet HTML 5Page - Same Sky Devices AMT31 Datasheet HTML 6Page - Same Sky Devices AMT31 Datasheet HTML 7Page - Same Sky Devices AMT31 Datasheet HTML 8Page - Same Sky Devices AMT31 Datasheet HTML 9Page - Same Sky Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SAME SKY | SERIES: AMT31 | DESCRIPTION: MODULAR COMMUTATION ENCODER
date 09/12/2024 | page 2 of 11
sameskydevices.com
MECHANICAL
parameter
conditions/description
min
typ
max
units
motor shaft length
9
mm
motor shaft tolerance
NOM +0/-0.015
mm
weight
weight varies by configuration
15.7
g
axial play
±0.3
mm
rotational speed (at each
resolution)
48, 96, 100, 125, 192, 200, 250, 256, 384, 400, 500, 512,
800, 1000, 1024, 2048
8000
RPM
360, 768, 1600, 2000, 4096
4000
RPM
2500
2500
RPM
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-40
125
°C
humidity
non-condensing
85
%
vibration
10~500 Hz, 5 minute sweep, 2 hours on each XYZ
5
G
shock
3 pulses, 6 ms, 3 on each XYZ
200
G
RoHS
yes
SERIAL INTERFACE
parameter
conditions/description
min
typ
max
units
protocol
serial UART
controller
driven by onboard Microchip PIC18F25K80. See Micro-
chip documentation for additional details.
data rate
8 data bits, no parity, 1 stop bit, least significant bit first
115200
baud
COMMUTATION CHARACTERISTICS
parameter
conditions/description
min
typ
max
units
channels
CMOS Voltage (S)
Quadrature Line Driver (Q)
Commutation Line Driver (C)
Line Driver (D)
A, B, Z, U, V, W
A, A, B, B, Z, Z, U, V, W
A, B, Z, U, U, V, V, W, W
A, A, B, B, Z, Z, U, U, V, V, W, W
motor poles4
2, 4, 6, 8, 10, 12, 20
waveform4
CMOS voltage square wave
phase difference
WYE motor winding configurations
120
electrical
degrees
Notes:
4. Pole counts and waveform direction set via AMT Viewpoint™ PC software. Default poles set to 4 poles and counter-clockwise direction.
¯
¯
¯
¯
¯
¯
¯
¯
¯
¯
¯
¯
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com