Electronic Components Datasheet Search
  English  ▼

X  

AMT33 Datasheet(PDF) 3 Page - Same Sky Devices

Part # AMT33
Description  MODULAR COMMUTATION ENCODER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

AMT33 Datasheet(HTML) 3 Page - Same Sky Devices

  AMT33 Datasheet HTML 1Page - Same Sky Devices AMT33 Datasheet HTML 2Page - Same Sky Devices AMT33 Datasheet HTML 3Page - Same Sky Devices AMT33 Datasheet HTML 4Page - Same Sky Devices AMT33 Datasheet HTML 5Page - Same Sky Devices AMT33 Datasheet HTML 6Page - Same Sky Devices AMT33 Datasheet HTML 7Page - Same Sky Devices AMT33 Datasheet HTML 8Page - Same Sky Devices AMT33 Datasheet HTML 9Page - Same Sky Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SAME SKY | SERIES: AMT33 | DESCRIPTION: MODULAR COMMUTATION ENCODER
date 09/12/2024 | page 3 of 11
sameskydevices.com
WAVEFORMS
Z
A
B
I
P
T
S S S S
Quadrature signals with index showing
counter-clockwise rotation
Figure 1
Z
U
V
W
I
P
C
T
S S S S S S
Commutation signals with index (The programmable
direction setting dictates in which direction of rotation U
will lead V, and V will lead W)
Figure 2
Parameter
Description
Expression
Units
T
period
360/M
mechanical degrees
P
pulse width
T/2
mechanical degrees
I
index width
360/(PPR*4)
mechanical degrees
S
U/V/W state
width
60
electrical degrees
T/6
mechanical degrees
C
phase
spacing
120
electrical degrees
T/3
mechanical degrees
The following parameters are defined by the resolution and pole count selected for
each encoder, where PPR = resolution and M = motor poles.
Parameter
Description
Expression
Units
Notes
PPR
resolution
Pulses Per Revolution
This is the user selected value and the format
all resolutions are listed in
CPR
counts
PPR x 4
Counts Per Revolution
This is the number of quadrature counts the
encoder has
T
period
360/R
mechanical degrees
P
pulse width
T/2
mechanical degrees
S
A/B state width
T/4
mechanical degrees
This is the width of a quadrature state
I
index width
T/4
mechanical degrees
The width of a once per turn index is the state
width for A & B lines
The following parameters are defined by the resolution selected for each encoder. The
encoders resolution is listed as Pulses Per Revolution (PPR), which is the number of
periods (or high pulses) over the encoders revolution.
Note:
For more information regarding PPR, CPR, or LPR (Lines Per Revolution) view https://www.sameskydevices.com/blog/what-is-encoder-ppr-cpr-and-lpr
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com