Electronic Components Datasheet Search
  English  ▼

X  

AMT33 Datasheet(PDF) 1 Page - Same Sky Devices

Part # AMT33
Description  MODULAR COMMUTATION ENCODER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

AMT33 Datasheet(HTML) 1 Page - Same Sky Devices

  AMT33 Datasheet HTML 1Page - Same Sky Devices AMT33 Datasheet HTML 2Page - Same Sky Devices AMT33 Datasheet HTML 3Page - Same Sky Devices AMT33 Datasheet HTML 4Page - Same Sky Devices AMT33 Datasheet HTML 5Page - Same Sky Devices AMT33 Datasheet HTML 6Page - Same Sky Devices AMT33 Datasheet HTML 7Page - Same Sky Devices AMT33 Datasheet HTML 8Page - Same Sky Devices AMT33 Datasheet HTML 9Page - Same Sky Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
date 09/12/2024
page 1 of 11
SERIES: AMT33 | DESCRIPTION: MODULAR COMMUTATION ENCODER
sameskydevices.com
ELECTRICAL
parameter
conditions/description
min
typ
max
units
power supply
VDD
4.5
5
5.5
V
start-up time1
200
ms
current consumption
with unloaded output
16
mA
single ended channels
output high level
output low level
output current (per channel)
rise/fall time
VDD-0.1
8
0.1
15
V
V
mA
ns
differential channels
output high level
output low level
output current (per channel)
rise/fall time
3
7
11
0.1
20
20
V
V
mA
ns
Note:
1. Encoder must be stationary during start-up.
INCREMENTAL CHARACTERISTICS
parameter
conditions/description
min
typ
max
units
waveform
CMOS voltage square wave
phase difference
A leads B for CCW rotation (viewed from front)
90
degrees
quadrature resolutions2
48, 96, 100, 125, 192, 200, 250, 256, 360, 384, 400, 500,
512, 768, 800, 1000, 1024, 1600, 2000, 2048, 2500, 4096
PPR
index3
one pulse per 360 degree rotation
accuracy
0.2
degrees
quadrature duty cycle (at each
resolution)
48, 96, 100, 125, 192, 256, 384
200, 250, 360, 400, 768, 800
500, 1000, 1600
512, 1024 , 2048, 4096
2000
2500
49
48
46
50
44
43
50
50
50
50
50
50
51
52
54
50
56
57
%
%
%
%
%
%
Notes:
2. Resolutions programmed with AMT Viewpoint™ PC software. Default resolution set to 2048 PPR. Listed as pre-quadrature, meaning final number of counts is PPR x 4.
3. Zero position alignment set with AMT One Touch Zero™ module, AMT Viewpoint™ PC software, or serial commands.
FEATURES
• patented capacitive ASIC technology
• low power consumption
• U, V, W commutation phase channels
• 2, 4, 6, 8, 10, 12, 20 motor poles w/ incremental resolutions up to 4096 PPR
• resolutions and poles programmable with AMT Viewpoint™ PC software
• differential line driver versions
• digitally set zero position with AMT One Touch Zero™ module or serial commands
• compact modular package with locking hub for ease of installation
• radial and axial cable connections
• -40~125°C operating temperature
CUI Devices is now Same Sky!
Learn More
Additional Resources: Product Page | 3D Model


Similar Part No. - AMT33

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT33 CUI-AMT33 Datasheet
1Mb / 10P
MODULAR COMMUTATION ENCODER
AMT33 CUI-AMT33 Datasheet
1Mb / 10P
MODULAR COMMUTATION ENCODER
09/10/2021
logo
CUI Devices
AMT33 CUID-AMT33 Datasheet
1Mb / 10P
MODULAR COMMUTATION ENCODER
08/05/2022
logo
CUI INC
AMT332D-0048-1000-02-CCW CUI-AMT332D-0048-1000-02-CCW Datasheet
1Mb / 10P
MODULAR COMMUTATION ENCODER
09/10/2021
AMT332D-0048-1000-02-CW CUI-AMT332D-0048-1000-02-CW Datasheet
1Mb / 10P
MODULAR COMMUTATION ENCODER
09/10/2021
More results

Similar Description - AMT33

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT303 CUI-AMT303 Datasheet
390Kb / 7P
COMMUTATION ENCODER
AMT203 CUI-AMT203_13 Datasheet
524Kb / 7P
MODULAR ENCODER
AMT303 CUI-AMT303_13 Datasheet
569Kb / 6P
MODULAR ENCODER
AMT31 CUI-AMT31 Datasheet
814Kb / 10P
MODULAR COMMUTATION ENCODER
AMT31 CUI-AMT31_18 Datasheet
834Kb / 11P
MODULAR COMMUTATION ENCODER
AMT33 CUI-AMT33 Datasheet
1Mb / 10P
MODULAR COMMUTATION ENCODER
AMT31 CUI-AMT31_V01 Datasheet
792Kb / 11P
MODULAR COMMUTATION ENCODER
09/10/2021
AMT33 CUI-AMT33_V01 Datasheet
1Mb / 10P
MODULAR COMMUTATION ENCODER
09/10/2021
logo
CUI Devices
AMT31 CUID-AMT31 Datasheet
759Kb / 11P
MODULAR COMMUTATION ENCODER
08/05/2022
AMT33 CUID-AMT33 Datasheet
1Mb / 10P
MODULAR COMMUTATION ENCODER
08/05/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com