| Electronic Components Datasheet Search |
|
ICS1893CFLF Datasheet(PDF) 10 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893CFLF Datasheet(HTML) 10 Page - Integrated Circuit Systems |
|
10 / 126 page ![]() ICS1893CF, Rev. F, 03/01/07 Mar. 2007 10 Chapter 4 Operating Modes Overview ICS1893CF Data Sheet - Release Copyright © 2007, Integrated Device Technology, Inc. All rights reserved. 4.1 Reset Operations This section first discusses reset operations in general and then specific ways in which the ICS1893CF can be configured for various reset options. 4.1.1 General Reset Operations The following reset operations apply to all the specific ways in which the ICS1893CF can be reset, which are discussed in Section 4.1.2, “Specific Reset Operations”. 4.1.1.1 Entering Reset When the ICS1893CF enters a reset condition (either through hardware, power-on reset, or software), it does the following: 1. Isolates the MAC Interface input pins 2. Drives all MAC Interface output pins low 3. Tri-states the signals on its Twisted-Pair Transmit pins (TP_TXP and TP_TXN) 4. Initializes all its internal modules and state machines to their default states 5. Enters the power-down state 6. Initializes all internal latching low (LL), latching high (LH), and latching maximum (LMX) Management Register bits to their default values 4.1.1.2 Exiting Reset When the ICS1893CF exits a reset condition, it does the following: 1. Exits the power-down state 2. Latches the Serial Management Port Address of the ICS1893CF into the Extended Control Register, bits 16.10:6. [See Section 7.11.3, “PHY Address (bits 16.10:6)”.] 3. Enables all its internal modules and state machines 4. Sets all Management Register bits to their default values 5. Enables the Twisted-Pair Transmit pins (TP_TXP and TP_TXN) 6. Resynchronizes both its Transmit and Receive Phase-Locked Loops, which provide its transmit clock (TXCLK) and receive clock (RXCLK) 7. Releases all MAC Interface pins, which takes a maximum of 640 ns after the reset condition is removed 4.1.1.3 Hot Insertion As with the ICS189X products, the ICS1893CF reset design supports ‘hot insertion’ of its MII. (That is, the ICS1893CF can connect its MAC Interface to a MAC while power is already applied to the MAC.) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |