Electronic Components Datasheet Search
  English  ▼

X  

ICS1893CFLF Datasheet(PDF) 48 Page - Integrated Circuit Systems

Part # ICS1893CFLF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFLF Datasheet(HTML) 48 Page - Integrated Circuit Systems

Back Button ICS1893CFLF Datasheet HTML 44Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 45Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 46Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 47Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 48Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 49Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 50Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 51Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 52Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
48
Chapter 7 Management Register Set
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
7.2.5 Low Power Mode (bit 0.11)
This bit provides one way to control the ICS1893CF low-power mode function. When bit 0.11 is logic:
• Zero, there is no impact to ICS1893CF operations.
• One, the ICS1893CF enters the low-power mode. In this case, the ICS1893CF disables all internal
functions and drives all MAC output pins low except for those that support the MII Serial Management
Port. In addition, the ICS1893CF internally activates the TPTRI function to tri-state the signals on the
Twisted-Pair Transmit pins (TP_TXP and TP_TXN) and achieve additional power savings.
Note: There are two ways the ICS1893CF can enter low-power mode. When entering low-power mode:
• By setting bit 0.11 to logic one, the ICS1893CF maintains the value of all Management Register
bits except the latching high (LH) and latching low (LL) status bits, which are re-initialized to their
default values instead. (For more information on latching high and latching low bits, see Section
7.1.4.1, “Latching High Bits” and Section 7.1.4.2, “Latching Low Bits”.)
• During a reset, the ICS1893CF sets all management register bits to their default values.
7.2.6 Isolate (bit 0.10)
This bit controls the ICS1893CF Isolate function. When bit 0.10 is logic:
• Zero, there is no impact to ICS1893CF operations.
• One, the ICS1893CF electrically isolates its data paths from the MAC Interface. The ICS1893CF places
all MAC output signals (TXCLK, RXCLK, RXDV, RXER, RXD[3:0], COL, and CRS) in a high-impedance
state and it isolates all MAC input signals (TXD[3:0], TXEN, and TXER). In this mode, the Serial
Management Interface continues to operate normally (that is, bit 0.10 does not affect the Management
Interface).
The default value for bit 0.10 depends upon the PHY address of Table 7-16. If the PHY address:
• Is equal to 00000b, then the default value of bit 0.10 is logic one, and the ICS1893CF isolates itself from
the MAC Interface.
• Is not equal to 00000b, then the default value of bit 0.10 is logic zero, and the ICS1893CF does not
isolate its MAC Interface.
7.2.7 Restart Auto-Negotiation (bit 0.9)
This bit allows an STA to restart the auto-negotiation process in Software mode (that is, the HW/SW pin is
logic one). When bit 0.12 is logic:
• Zero, the Auto-Negotiation sublayer is disabled, and the ICS1893CF isolates any attempt by the STA to
set bit 0.9 to logic one.
• One (as set by an STA), the ICS1893CF restarts the auto-negotiation process. Once the
auto-negotiation process begins, the ICS1893CF automatically sets this bit to logic zero, thereby
providing the self-clearing feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com