Electronic Components Datasheet Search
  English  ▼

X  

ICS1893CFLFT Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS1893CFLFT
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFLFT Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS1893CFLFT Datasheet HTML 1Page - Integrated Circuit Systems ICS1893CFLFT Datasheet HTML 2Page - Integrated Circuit Systems ICS1893CFLFT Datasheet HTML 3Page - Integrated Circuit Systems ICS1893CFLFT Datasheet HTML 4Page - Integrated Circuit Systems ICS1893CFLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS1893CFLFT Datasheet HTML 6Page - Integrated Circuit Systems ICS1893CFLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS1893CFLFT Datasheet HTML 8Page - Integrated Circuit Systems ICS1893CFLFT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
IDT reserves the right to make changes in the device data identified in
this publication without further notice. IDT advises its customers to
obtain the latest version of all device data to verify that any information
being relied upon by the customer is current and accurate.
Integrated Device Technology, Inc.
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
™
ICS1893CF
Document Type:
Data Sheet
Document Stage:
Rev. F Release
Features
• Supports category 5 cables with attenuation in excess of
24dB at 100 MHz.
• Single-chip, fully integrated PHY provides PCS, PMA, PMD,
and AUTONEG sub layers functions of IEEE standard.
• 10Base-T and 100Base-TX IEEE 8802.3 compliant
• Single 3.3V power supply
• Highly configurable, supports:
– Media Independent Interface (MII)
– Auto-Negotiation with Parallel detection
– Node applications, managed or unmanaged
– 10M or 100M full and half-duplex modes
– Loopback mode for Diagnostic Functions
– Auto-MDI/MDIX crossover correction
• Low-power CMOS (typically 400 mW)
• Power-Down mode typically 21mW
• Clock and crystal supported
• Fully integrated, DSP-based PMD includes:
– Adaptive equalization and baseline-wander correction
– Transmit wave shaping and stream cipher scrambler
– MLT-3 encoder and NRZ/NRZI encoder
• Small footprint 48-pin 300 mil. SSOP package
• Also available in small footprint 56-pin 8x8 MLF2 package
• Available in Industrial Temp and Lead Free
General
The ICS1893CF is a low-power, physical-layer device (PHY)
that supports the ISO/IEC 10Base-T and 100Base-TX
Carrier-Sense Multiple Access/Collision Detection
(CSMA/CD) Ethernet standards, ISO/IEC 8802-3.
The ICS1893CF is intended for MII, Node applications that
require the Auto-MDIX feature that automatically corrects
crossover errors in plant wiring.
The ICS1893CF incorporates Digital-Signal Processing (DSP)
control in its Physical-Medium Dependent (PMD) sub layer. As
a result, it can transmit and receive data on unshielded
twisted-pair (UTP) category 5 cables with attenuation in
excess of 24 dB at 100MHz. With this ICS-patented
technology, the ICS1893CF can virtually eliminate errors from
killer packets.
The ICS1893CF provides a Serial-Management Interface for
exchanging command and status information with a
Station-Management (STA) entity. The ICS1893CF
Media-Dependent Interface (MDI) can be configured to
provide either half- or full-duplex operation at data rates of 10
Mb/s or 100Mb/s.
The ICS1893CF is available in a 300-mil 48-lead SSOP
package. The ICS1893CF shares the same proven
performance circuitry with the ICS1893BF and is a pin-for-pin
replacement of the 1893BF.
Applications: NIC cards, PC motherboards, switches,
routers, DSL and cable modems, game machines, printers,
network connected appliances, and industrial equipment.
Clock
Power
LEDs and PHY
Address
Twisted-
Pair
Interface to
Magnetics
Modules and
RJ45
Connector
Integrated
Switch
MII
Extended
Register
Set
Interface
MUX
ICS1893CF Block Diagram
PCS
•
Framer
•
CRS/COL
Detection
•
Parallel to Serial
•4B/5B
Auto-
Negotiation
10Base-T
100Base-T
TP_PMD
•MLT-3
•
Stream Cipher
•
Adaptive Equalizer
•
Baseline Wander
Correction
PMA
•
Clock Recovery
•
Link Monitor
•
Signal Detection
•
Error Detection
Low-Jitter
Clock
Synthesizer
Configuration
and Status
10/100 MII
MAC
Interface
MII
Management
Interface


Similar Part No. - ICS1893CFLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS1893CFLFT IDT-ICS1893CFLFT Datasheet
1Mb / 127P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Renesas Technology Corp
ICS1893CFLFT RENESAS-ICS1893CFLFT Datasheet
858Kb / 127P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver™
May, 2010
More results

Similar Description - ICS1893CFLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1893 ICST-ICS1893 Datasheet
983Kb / 152P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
Rev C 6/6/00
ICS1893BF ICST-ICS1893BF Datasheet
1Mb / 133P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
ICS1893BRIEF ICST-ICS1893BRIEF Datasheet
389Kb / 7P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
Rev B 9/10/99
ICS1893BY-10 ICST-ICS1893BY-10 Datasheet
1Mb / 143P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
Rev A 3/24/04
ICS1893CY-10 ICST-ICS1893CY-10 Datasheet
1Mb / 143P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
Rev 1/07
logo
Integrated Device Techn...
ICS1893CF IDT-ICS1893CF Datasheet
1Mb / 127P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
ICS1893CK-40 IDT-ICS1893CK-40 Datasheet
1Mb / 121P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Integrated Circuit Syst...
ICS1893 ICST-ICS1893_09 Datasheet
948Kb / 152P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
Rev D 8/11/09
logo
Integrated Device Techn...
1893AFLF IDT-1893AFLF Datasheet
1Mb / 136P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Renesas Technology Corp
ICS1893AF RENESAS-ICS1893AF Datasheet
1Mb / 137P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com