Electronic Components Datasheet Search
  English  ▼

X  

ICS1893CFLFT Datasheet(PDF) 98 Page - Integrated Circuit Systems

Part # ICS1893CFLFT
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFLFT Datasheet(HTML) 98 Page - Integrated Circuit Systems

Back Button ICS1893CFLFT Datasheet HTML 94Page - Integrated Circuit Systems ICS1893CFLFT Datasheet HTML 95Page - Integrated Circuit Systems ICS1893CFLFT Datasheet HTML 96Page - Integrated Circuit Systems ICS1893CFLFT Datasheet HTML 97Page - Integrated Circuit Systems ICS1893CFLFT Datasheet HTML 98Page - Integrated Circuit Systems ICS1893CFLFT Datasheet HTML 99Page - Integrated Circuit Systems ICS1893CFLFT Datasheet HTML 100Page - Integrated Circuit Systems ICS1893CFLFT Datasheet HTML 101Page - Integrated Circuit Systems ICS1893CFLFT Datasheet HTML 102Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
98
Chapter 8 Pin Diagram, Listings, and Descriptions
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
8.3.3 Ground and Power Pins
Table 8-13. ICS1893CK Ground and Power Pins
Signal Name
Pin No.
Signals Description
VDD
6
Power 3.3V
VDD
7
Power 3.3V
VDD
11
Power 3.3V
VDD
15
Power 3.3V
VDD
23
Power 3.3V
VDD
33
Power 3.3V
VDD
45
Power 3.3V
VDD
48
Power 3.3V
VDD
55
Power 3.3V
VSS
3
Ground
VSS
10
Ground
VSS
14
Ground
VSS
16
Ground
VSS
18
Ground
VSS
19
Ground
VSS
20
Ground
VSS
21
Ground
VSS
22
Ground
VSS
24
Ground
VSS
25
Ground
VSS
36
Ground
VSS
50
Ground
VSS
53
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com