Electronic Components Datasheet Search
  English  ▼

X  

WH10 Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # WH10
Description  Aluminium Housed Wirewound Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

WH10 Datasheet(HTML) 2 Page - Welwyn Components Limited

  WH10 Datasheet HTML 1Page - Welwyn Components Limited WH10 Datasheet HTML 2Page - Welwyn Components Limited WH10 Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Aluminium Housed
Wirewound Resistors
WH Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
108
Issue D · 03.06
Welwyn Components
CECC
Actual
Notes
40203-006
Maximum
Typical
Load at commercial rating: 1000 hrs at 25°C
∆R %
1.0
1.0
0.4
Load at CECC rating: 1000 hours at 25°C
∆R %
1.0
1.0
0.4
Dry heat: 1000 hours at 200°C
∆R %
1.0
1.0
0.4
Derating from 25°C
Zero at 200°C
Short term overload
∆R %
1.0
1.0
0.2
Climatic sequence
∆R %
1.0
1.0
0.4
Climatic category
55/200/56
Long term damp heat
∆R %
1.0
0.5
0.2
Temperature rapid change
∆R %
0.25
0.25
0.1
Resistance to solder heat
∆R %
0.25
0.25
0.05
Vibration and bump
∆R %
0.25
0.25
0-.025
Noise (in decade of frequency)
µV/V
Not specified
zero
zero
Insulation resistance.
ohms
>1Gohm
>20Tohm
>100Gohm
Isolation voltage : WH5 and 10
volts AC peak
1000 min
1500 min
See application
: WH25 and 50
volts AC peak
2000 min
3000 min
notes
Pulse handling
Data available by request
Performance Data
Dimensions (mm)
Type
AB
C
E
F
Max
±0.3
±0.3
Min
Max
WH5
30.0
12.4
11.3
1.9
17
WH10
36.5
15.9
14.3
1.9
21
WH25
51.0
19.8
18.3
2.8
28
WH50
72.5
21.4
39.7
2.8
30
Type
GH
LM
N
Max
Dia ±0.2
Max
±0.5
Max
WH5
9
2.4
17.0
4.3
1.8
WH10
11
2.4
21.0
5.2
2.2
WH25
15
3.3
29.0
7.2
2.6
WH50
16
3.3
51.0
7.9
2.6
Physical Data



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com