Electronic Components Datasheet Search
  English  ▼

X  

WH10 Datasheet(PDF) 3 Page - Welwyn Components Limited

Part # WH10
Description  Aluminium Housed Wirewound Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

WH10 Datasheet(HTML) 3 Page - Welwyn Components Limited

  WH10 Datasheet HTML 1Page - Welwyn Components Limited WH10 Datasheet HTML 2Page - Welwyn Components Limited WH10 Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
109
Aluminium Housed
Wirewound Resistors
WH Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue D · 03.06
Welwyn Components
Application Notes
Reference aluminium heatsink dimension
CECC 40203-006
L
W
H
Reference
cm
cm
cm
area sq. cm
AA (WH5)
15.5
10
5
410
BA (WH10)
CA (WH25)
18
13
5
544
DA (WH50)
Aluminium thickness 1mm
WH50 only
To load at maximum commercial rating (50W) mount on
heatsink 30.5cm x 30.5cm x 1.5mm.
Derating must be applied when resistors are mounted on a
heat sink of smaller dimensions than defined in Graph 1.
It is recommended that the resistor base should be coated
with heatsink compound before mounting to obtain the
stated operating characteristics.
The heatsink compound increases thermal conductivity to the
heatsink.
After soldering care should be taken to ensure that there are
no flux residues on the moulding compound, otherwise
insulation resistance will be reduced.
Packaging
Resistors are packed in plastic bags and boxed for maximum
protection.
Reference chassis
L
W
H
510
10
20
30
40
50
50 100
500 1000
Heatsink Surface Area (cm2)
AA
BA
CA
DA
544cm2
410cm2
RA
TE
D
DI
SS
IPAT
IO
N
AT
25
C
RA
TED
DIS
SIPAT
ION
AT 70
C
25C
25C
25C
70C
70C
70C
CECC 40 STYLE
Graph 1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com