Electronic Components Datasheet Search
  English  ▼

X  

BSR33PAS Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BSR33PAS
Description  80 V, 1 A PNP medium power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSR33PAS Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BSR33PAS Datasheet HTML 1Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Nexperia
BSR33PAS
80 V, 1 A PNP medium power transistor
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
-90
V
VCEO
collector-emitter voltage open base
-
-80
V
VEBO
emitter-base voltage
open collector
-
-5
V
IC
collector current
-
-1
A
ICM
peak collector current
-
-2
A
IBM
peak base current
single pulse; tp ≤ 1 ms
-
-200
mA
[1]
-
0.48
W
Ptot
total power dissipation
Tamb ≤ 25 °C
[2]
-
1
W
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-65
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2.
Tamb (°C)
-75
175
125
25
75
-25
aaa-040553
0.4
0.8
1.2
Ptot
(W)
0
(1)
(2)
(1) FR4 PCB, single-sided copper, standard footprint
(2) FR4 PCB, single-sided copper, 1 cm2
Fig. 1. Power derating curves
BSR33PAS
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
9 September 2024
3 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com