Electronic Components Datasheet Search
  English  ▼

X  

BSR33PAS Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # BSR33PAS
Description  80 V, 1 A PNP medium power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSR33PAS Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button BSR33PAS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved BSR33PAS Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Nexperia
BSR33PAS
80 V, 1 A PNP medium power transistor
aaa-040557
-0.5
-1.0
-1.5
VBE
(V)
0
IC (mA)
-10-1
-104
-103
-1
-102
-10
(1)
(2)
(3)
VCE = -2 V
(1) Tamb = −55 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 6. Base-emitter voltage as a function of collector
current; typical values
aaa-040558
-0.5
-1.0
-1.5
VBEsat
(V)
0
IC (mA)
-10-1
-104
-103
-1
-102
-10
(1)
(2)
(3)
IC/IB = 10
(1) Tamb = −55 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 7. Base-emitter saturation voltage as a function of
collector current; typical values
aaa-040559
IC (mA)
-10-1
-104
-103
-1
-102
-10
-10-1
-1
VCEsat
(V)
-10-2
(1)
(3)
(2)
IC/IB = 10
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
Fig. 8. Collector-emitter saturation voltage as a function of collector current; typical values
BSR33PAS
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
9 September 2024
6 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com