Electronic Components Datasheet Search
  English  ▼

X  

MPC940L Datasheet(PDF) 5 Page - Integrated Device Technology

Part # MPC940L
Description  LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC940L Datasheet(HTML) 5 Page - Integrated Device Technology

  MPC940L Datasheet HTML 1Page - Integrated Device Technology MPC940L Datasheet HTML 2Page - Integrated Device Technology MPC940L Datasheet HTML 3Page - Integrated Device Technology MPC940L Datasheet HTML 4Page - Integrated Device Technology MPC940L Datasheet HTML 5Page - Integrated Device Technology MPC940L Datasheet HTML 6Page - Integrated Device Technology MPC940L Datasheet HTML 7Page - Integrated Device Technology MPC940L Datasheet HTML 8Page - Integrated Device Technology MPC940L Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MPC940L
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
IDT™ / ICS™ 1:18 CLOCK DISTRIBUTION CHIP
5
MPC940L REV 7 JUNE 5, 2007
Table 7. DC Characteristics (TA = 0° to 70°C, VCCI = 2.5 V ±5%; VCCO = 2.5 V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VIH
Input HIGH Voltage
CMOS_CLK
2.0
VCCI
V
VIL
Input LOW Voltage
CMOS_CLK
0.8
V
VPP
Peak-to-Peak Input Voltage
PECL_CLK
500
1000
mV
VCMR
Common Mode Range
PECL_CLK
VCCI – 1.0
VCCI – 0.6
V
VOH
Output HIGH Voltage
1.8
V
IOH = –12 mA
VOL
Output LOW Voltage
0.5
V
IOL = 12 mA
IIN
Input Current
±200
µA
CIN
Input Capacitance
4.0
pF
Cpd
Power Dissipation Capacitance
10
pF
per output
ZOUT
Output Impedance
18
23
28
Ω
ICC
Maximum Quiescent Supply Current
0.5
1.0
mA
Table 8. AC Characteristics (TA = 0° to 70°C, VCCI = 2.5 V ±5%; VCCO = 2.5 V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
Fmax
Maximum Input Frequency
200
MHz
tPLH
Propagation Delay
PECL_CLK
≤ 150 MHz
CMOS_CLK
≤ 150 MHz
2.6
2.3
4.0
3.1
5.2
4.0
ns
tPLH
Propagation Delay
PECL_CLK > 150 MHz
CMOS_CLK > 150 MHz
2.8
2.3
3.8
3.1
5.0
4.0
ns
tsk(o)
Output-to-Output Skew
PECL_CLK
CMOS_CLK
200
200
ps
tsk(pp)
Part-to-Part Skew
PECL_CLK
≤ 150 MHz
CMOS_CLK
≤ 150 MHz
2.6
1.7
ns
Note (1)
1. Across temperature and voltage ranges. Includes output skew.
tsk(pp)
Part-to-Part Skew
PECL_CLK > 150 MHz
CMOS_CLK > 150 MHz
2.2
1.7
ns
Note (1)
tsk(pp)
Part-to-Part Skew
PECL_CLK
CMOS_CLK
1.2
1.0
ns
Note (2)
2. For specific temperature and voltage. Includes output skew.
DC
Output Duty Cycle
fCLK < 134 MHz
fCLK ≤ 200 MHz
45
40
50
50
55
60
%
%
Input DC = 50%
Input DC = 50%
tr, tf
Output Rise/Fall Time
0.3
1.2
ns
0.5 - 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com