Electronic Components Datasheet Search
  English  ▼

X  

MPC940L Datasheet(PDF) 1 Page - Integrated Device Technology

Part # MPC940L
Description  LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC940L Datasheet(HTML) 1 Page - Integrated Device Technology

  MPC940L Datasheet HTML 1Page - Integrated Device Technology MPC940L Datasheet HTML 2Page - Integrated Device Technology MPC940L Datasheet HTML 3Page - Integrated Device Technology MPC940L Datasheet HTML 4Page - Integrated Device Technology MPC940L Datasheet HTML 5Page - Integrated Device Technology MPC940L Datasheet HTML 6Page - Integrated Device Technology MPC940L Datasheet HTML 7Page - Integrated Device Technology MPC940L Datasheet HTML 8Page - Integrated Device Technology MPC940L Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC940L
IDT™ / ICS™ 1:18 CLOCK DISTRIBUTION CHIP
1
MPC940L REV 7 JUNE 5, 2007
The MPC940L is a 1:18 low voltage clock distribution chip with 2.5 V or 3.3 V LVCMOS
output capabilities. The device features the capability to select either a differential
LVPECL or an LVCMOS compatible input. The 18 outputs are 2.5 V or 3.3 V LVCMOS
compatible and feature the drive strength to drive 50
Ω series or parallel terminated
transmission lines. With output-to-output skews of 150 ps, the MPC940L is ideal as a
clock distribution chip for the most demanding of synchronous systems. The 2.5 V outputs
also make the device ideal for supplying clocks for a high performance microprocessor
based design. For a similar device at a lower price/performance point, the reader is
referred to the MPC9109.
•
LVPECL or LVCMOS Clock Input
•
2.5 V LVCMOS Outputs for Pentium II Microprocessor Support
•
150 ps Maximum Output-to-Output Skew
•
Maximum Output Frequency of 250 MHz
•
32-Lead LQFP Packaging
•
32-Lead Pb-Free Package Available
•
Dual or Single Supply Device:
•Dual VCC Supply Voltage, 3.3 V Core and 2.5 V Output
•
Single 3.3 V VCC Supply Voltage for 3.3 V Outputs
•
Single 2.5 V VCC Supply Voltage for 2.5 V I/O
With a low output impedance (
≈20 Ω), in both the HIGH and LOW logic states, the
output buffers of the MPC940L are ideal for driving series terminated transmission lines.
With a 20
Ω output impedance the 940L has the capability of driving two series terminated
lines from each output. This gives the device an effective fanout of 1:36. If a lower output
impedance is desired please see the MPC942 data sheet.
The differential LVPECL inputs of the MPC940L allow the device to interface directly
with a LVPECL fanout buffer like the MC100EP111 to build very wide clock fanout trees
or to couple to a high frequency clock source. The LVCMOS input provides a more standard interface for applications requiring only a
single clock distribution chip at relatively low frequencies. In addition, the two clock sources can be used to provide for a test clock
interface as well as the primary system clock. A logic HIGH on the LVCMOS_CLK_SEL pin will select the LVCMOS level clock input. All
inputs of the MPC940L have internal pullup/pulldown resistors so they can be left open if unused.
The MPC940L is a single or dual supply device. The device power supply offers a high degree of flexibility. The device can operate
with a 3.3 V core and 3.3 V output, a 3.3 V core and 2.5 V outputs as well as a 2.5 V core and 2.5 V outputs. The 32-lead LQFP package
was chosen to optimize performance, board space and cost of the device. The 32-lead LQFP has a 7x7 mm body size with a conservative
0.8 mm pin spacing.
MPC940L
LOW VOLTAGE
1:18 CLOCK
DISTRIBUTION CHIP
FA SUFFIX
32-LEAD LQFP PACKAGE
CASE 873A-04
AC SUFFIX
32-LEAD LQFP PACKAGE
Pb-FREE PACKAGE
CASE 873A-04
Pentium II is a trademark of Intel Corporation.


Similar Part No. - MPC940L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC940L MOTOROLA-MPC940L Datasheet
91Kb / 5P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
Renesas Technology Corp
MPC940L RENESAS-MPC940L Datasheet
531Kb / 13P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
October 4, 2016
More results

Similar Description - MPC940L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC940L MOTOROLA-MPC940L Datasheet
91Kb / 5P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC942C MOTOROLA-MPC942C Datasheet
232Kb / 4P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
Alliance Semiconductor ...
ASM2I9940L ALSC-ASM2I9940L Datasheet
223Kb / 13P
Low Voltage 1:18 Clock Distribution Chip
ASM2I9942C ALSC-ASM2I9942C Datasheet
431Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
ASM2I9942P ALSC-ASM2I9942P Datasheet
433Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK940L PHILIPS-PCK940L Datasheet
87Kb / 16P
Low voltage 1 : 18 clock distribution chip
Rev. 01-4 April 2006
logo
Integrated Device Techn...
MPC942P IDT-MPC942P Datasheet
373Kb / 6P
Low Voltage 1:18 Clock Distribution Chip
logo
PulseCore Semiconductor
PCS2I9942P PULSECORE-PCS2I9942P Datasheet
437Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK942P NXP-PCK942P Datasheet
68Kb / 11P
Low voltage 1 : 18 clock distribution chip
Rev. 01-17 February 2006
logo
Renesas Technology Corp
MPC940L RENESAS-MPC940L Datasheet
531Kb / 13P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
October 4, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com