Electronic Components Datasheet Search
  English  ▼

X  

B9428 Datasheet(PDF) 4 Page - EPCOS

Part # B9428
Description  SAW Tx filter WCDMA Band II (PCS-Band)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9428 Datasheet(HTML) 4 Page - EPCOS

  B9428 Datasheet HTML 1Page - EPCOS B9428 Datasheet HTML 2Page - EPCOS B9428 Datasheet HTML 3Page - EPCOS B9428 Datasheet HTML 4Page - EPCOS B9428 Datasheet HTML 5Page - EPCOS B9428 Datasheet HTML 6Page - EPCOS B9428 Datasheet HTML 7Page - EPCOS B9428 Datasheet HTML 8Page - EPCOS B9428 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
March 02, 2007
B9428
1880.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Tx filter
Preliminary data
Characteristics
Operating temperature range:
T
= –20 ˚C to +75 ˚C
Terminating source impedance:
ZS =200 Ω || 27 nH (balanced)
Terminating load impedance:
ZL =50 Ω (unbalanced)
LP05B1)
1) Values in columns min, typ and max indicate the development status of the current version.
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1880.0
—
MHz
Maximum insertion attenuation
α
max
1850.0
... 1910.0
MHz
—
2.8
4.6 2)
2) 5.2 dB max. at –30 ˚C ... 85 ˚C
dB
Amplitude ripple (p-p)
∆α
1850.0
... 1910.0
MHz
—
0.8
2.7 3)
3) 3.3 dB max. at –30 ˚C ... 85 ˚C
dB
Input VSWR
1850.0
... 1910.0
MHz
—
1.9
2.2
Output VSWR
1850.0
... 1910.0
MHz
—
1.8
2.1
Input amplitude balance (|S31/S21|)
1850.0
... 1910.0
MHz
–1.4
–0.7/0.6
1.4
dB
Input phase balance (
φ(S
31) – φ(S21)+180˚)
1850.0
... 1910.0
MHz
–10
–5/+0
10
˚
Attenuation
α
0.0
... 1570.0
MHz
30
52
—
dB
1570.0
... 1770.0
MHz
30
39
—
dB
1770.0
... 1830.0
MHz
22
36
—
dB
1930.0
... 1990.0
MHz
27
30
—
dB
1990.0
... 2500.0
MHz
28
32
—
dB
2500.0
... 6000.0
MHz
25
41
—
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com