Electronic Components Datasheet Search
  English  ▼

X  

B9428 Datasheet(PDF) 5 Page - EPCOS

Part # B9428
Description  SAW Tx filter WCDMA Band II (PCS-Band)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9428 Datasheet(HTML) 5 Page - EPCOS

  B9428 Datasheet HTML 1Page - EPCOS B9428 Datasheet HTML 2Page - EPCOS B9428 Datasheet HTML 3Page - EPCOS B9428 Datasheet HTML 4Page - EPCOS B9428 Datasheet HTML 5Page - EPCOS B9428 Datasheet HTML 6Page - EPCOS B9428 Datasheet HTML 7Page - EPCOS B9428 Datasheet HTML 8Page - EPCOS B9428 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
March 02, 2007
B9428
1880.0 MHz
SAW Components
SAW Tx filter
Preliminary data
Please read
cautions and warnings and
important notes at the end of this document.
Maximum ratings
Operable temperature range T
–30/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
501)
1) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Input power
PIN
12
dBm
@ 55 ˚C ambient



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com