Electronic Components Datasheet Search
  English  ▼

X  

STAC9271 Datasheet(PDF) 215 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 215 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 211Page - Integrated Device Technology STAC9271 Datasheet HTML 212Page - Integrated Device Technology STAC9271 Datasheet HTML 213Page - Integrated Device Technology STAC9271 Datasheet HTML 214Page - Integrated Device Technology STAC9271 Datasheet HTML 215Page - Integrated Device Technology STAC9271 Datasheet HTML 216Page - Integrated Device Technology STAC9271 Datasheet HTML 217Page - Integrated Device Technology STAC9271 Datasheet HTML 218Page - Integrated Device Technology STAC9271 Datasheet HTML 219Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
215
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
7. ORDERING INFORMATION
7.1.
STAC927x Family Options and Part Order Numbers
NOTE: When ordering these parts the “yy” will be replaced with the CODEC revision. Add an “R” to the end of any of
these part numbers for delivery on Tape and Reel. The minimum order quantity for Tape and Reel is 2,000 units.
Part Order Number
Voltage
DAC SNR
DigMic
ADAT
Dolby
STAC9274X5TAEyyX
5 V
105dB
Yes(Muxed)
Yes
No
STAC9274D5TAEyyX
5 V
105dB
Yes(Muxed)
Yes
Master Studio
STAC9273X5TAEyyX
5 V
95dB
Yes(Muxed)
Yes
No
STAC9273D5TAEyyX
5 V
95dB
Yes(Muxed)
Yes
Home Theater/ Sound Room
STAC9272X5TAEyyX
5 V
95dB
Yes(Muxed)
No
No
STAC9272D5TAEyyX
5 V
95dB
Yes(Muxed)
No
Home Theater/Sound Room
STAC9272X3TAEyyX
3.3 V
95dB
Yes(Muxed)
No
No
STAC9272D3TAEyyX
3.3 V
95dB
Yes(Muxed)
No
Home Theater/Sound Room
STAC9271X5TAEyyX
5 V
95dB
No
No
No
STAC9271D5TAEyyX
5 V
95dB
No
No
Home Theater/Sound Room



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com