Electronic Components Datasheet Search
  English  ▼

X  

STAC9271 Datasheet(PDF) 26 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 26 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 22Page - Integrated Device Technology STAC9271 Datasheet HTML 23Page - Integrated Device Technology STAC9271 Datasheet HTML 24Page - Integrated Device Technology STAC9271 Datasheet HTML 25Page - Integrated Device Technology STAC9271 Datasheet HTML 26Page - Integrated Device Technology STAC9271 Datasheet HTML 27Page - Integrated Device Technology STAC9271 Datasheet HTML 28Page - Integrated Device Technology STAC9271 Datasheet HTML 29Page - Integrated Device Technology STAC9271 Datasheet HTML 30Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
26
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
Figure 3. Quad Digital Microphone Configuration
Note: Some Digital Microphone Implementations support data on either edge, therefore, the
external mux may not be required.
Digital
Microphones
DMIC_0
DMIC_CLK
STEREO
ADC0
PCM
Stereo Channels
Output For
DMIC_0 L & R
Pin
DMIC_1
DMIC_CLK
Valid
Data R1
Pin
Valid
Data L1
DMIC_1
STEREO
ADC1
PCM
Stereo Channels
Output For
DMIC_1 L & R
Pin
Valid
Data R0
Valid
Data L0
DMIC_0
External
Multiplexer
External
Multiplexer
On-Chip
Multiplexer
On-Chip
Multiplexer
On-Chip
Off-Chip
Note: Valid ADC
Pairs include:
ADC0/ADC1,
ADC0/ADC2,
ADC1/ADC2
Valid
Data R1
Valid
Data L1
Valid
Data R0
Valid
Data L0
Right
Channel
Left
Channel
Right
Channel
Left
Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com