Electronic Components Datasheet Search
  English  ▼

X  

STAC9271 Datasheet(PDF) 117 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 117 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 113Page - Integrated Device Technology STAC9271 Datasheet HTML 114Page - Integrated Device Technology STAC9271 Datasheet HTML 115Page - Integrated Device Technology STAC9271 Datasheet HTML 116Page - Integrated Device Technology STAC9271 Datasheet HTML 117Page - Integrated Device Technology STAC9271 Datasheet HTML 118Page - Integrated Device Technology STAC9271 Datasheet HTML 119Page - Integrated Device Technology STAC9271 Datasheet HTML 120Page - Integrated Device Technology STAC9271 Datasheet HTML 121Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
117
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.14.9. PortB ConfigDefault
6.15. PortC Node (NID = 0x0C)
6.15.1. PortC WCap
Table 240. PortB ConfigDefault
Command Verb Format
Verb ID
Payload
Response
Get
F1C
00
See bitfield table.
Set1
71C
See bits [7:0] of bitfield table.
0000_0000h
Set2
71D
See bits [7:0] of bitfield table.
0000_0000h
Set3
71E
See bits [7:0] of bitfield table.
0000_0000h
Set4
71F
See bits [7:0] of bitfield table.
0000_0000h
Table 241. PortB ConfigDefault
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:24]
Config4
RW
0x02
Port Connectivity= Jack;
Location= Mainboard front.
[23.:16]
Config3
RW
0xA1
Default Device= Mic In;
Connection Type= 1/8 inch jack.
[15.:8]
Config2
RW
0x90
Color= Pink;
Misc= No jack detect override.
[7.:0]
Config1
RW
0x80
Association= 8h;
Sequence= 0h.
Table 242. PortC WCap
Command Verb Format
Verb ID
Payload
Response
Get
F00
09
See bitfield table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com