Electronic Components Datasheet Search
  English  ▼

X  

V103A Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # V103A
Description  TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

V103A Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button V103A Datasheet HTML 3Page - Integrated Circuit Systems V103A Datasheet HTML 4Page - Integrated Circuit Systems V103A Datasheet HTML 5Page - Integrated Circuit Systems V103A Datasheet HTML 6Page - Integrated Circuit Systems V103A Datasheet HTML 7Page - Integrated Circuit Systems V103A Datasheet HTML 8Page - Integrated Circuit Systems V103A Datasheet HTML 9Page - Integrated Circuit Systems V103A Datasheet HTML 10Page - Integrated Circuit Systems V103A Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
V103A
V103A Datasheet
7
11/18/05
Revision 3.2
Integrated Circuit Systems • 525 Race St reet, S an Jose, CA 95126 • tel (408) 297-1201 • ww w. icst. com
AC Electrical Characteristics
VDD=3.3 V ±10%, Ambient temperature -20 to +85
°C
Thermal Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Switching Characteristics
CLK IN Transition Time
tTCIT
5ns
CLK IN Period
tTCP
7.4
125.0
ns
CLK IN High Time
tTCH
0.35tTCP
0.5tTCP
0.65tTCP
ns
CLK IN Low Time
tTCL
0.35tTCP
0.5tTCP
0.65tTCP
ns
CLK IN to TCLK± Delay
tTCD
3tTCP
ns
TTL Data Setup to CLK IN
tTS
2.5
ns
TTL Data Hold from CLK IN
tTH
0ns
LVDS Transition Time
tLVT
0.6
1.5
ns
Output Data Position0
tTOP1
-0.2
0.0
0.2
ns
Output Data Position1
tTOP0
ns
Output Data Position2
tTOP6
ns
Output Data Position3
tTOP5
ns
Output Data Position4
tTOP4
ns
Output Data Position5
tTOP3
ns
Output Data Position6
tTOP2
ns
Phase Lock Loop Set
tTPLL
10.0
ms
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to Ambient
θJA
Still air
53
°C/W
θJA
1 m/s air flow
40
°C/W
θJA
3 m/s air flow
33
°C/W
Thermal Resistance Junction to Case
θJC
8
°C/W
-0.2
tTCP
7
tTCP
7
+0.2
tTCP
7
2
-0.2
tTCP
7
2
tTCP
7
2
+0.2
tTCP
7
3
-0.2
tTCP
7
3
tTCP
7
3
+0.2
tTCP
7
4
-0.2
tTCP
7
4
tTCP
7
4
+0.2
tTCP
7
5
-0.2
tTCP
7
5
tTCP
7
5
+0.2
tTCP
7
6
-0.2
tTCP
7
6
tTCP
7
6
+0.2
tTCP
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com