Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT201VCVL4A Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PIMXRT201VCVL4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT201VCVL4A Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PIMXRT201VCVL4A Datasheet HTML 21Page - NXP Semiconductors PIMXRT201VCVL4A Datasheet HTML 22Page - NXP Semiconductors PIMXRT201VCVL4A Datasheet HTML 23Page - NXP Semiconductors PIMXRT201VCVL4A Datasheet HTML 24Page - NXP Semiconductors PIMXRT201VCVL4A Datasheet HTML 25Page - NXP Semiconductors PIMXRT201VCVL4A Datasheet HTML 26Page - NXP Semiconductors PIMXRT201VCVL4A Datasheet HTML 27Page - NXP Semiconductors PIMXRT201VCVL4A Datasheet HTML 28Page - NXP Semiconductors PIMXRT201VCVL4A Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 119 page
background image
Electrical Characteristics
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
NXP Semiconductors
25
4.1.2.2
12 x 12 MM thermal resistance
Table 9 shows the 12 x 12 MM package thermal resistance data.
4.1.3
Operating ranges
Table 10 provides the operating ranges of the i.MX RT1060 processors. For details on the chip's power
structure, see the “Power Management Unit (PMU)” chapter of the i.MX RT1060 Reference Manual
(IMXRT1060RM).
Table 9. 12 x 12 MM thermal resistance data
Rating
Board type1
1 Thermal test board meets JEDEC specification for this package (JESD51-9).
Symbol
Value
Unit
Junction to Ambient
Thermal resistance2
2 Determined in accordance to JEDEC JESD51-2A natural convection environment. Thermal resistance data in this report is
solely for a thermal performance comparison of one package to another in a standardized specified environment. It is not
meant to predict the performance of a package in an application-specific environment.
JESD51-9, 2S2P
RJA
39.1
oC/W
Junction to Package Top
Thermal resistance2
JESD51-9, 2S2P
JT
0.5
oC/W
Junction to Case Thermal Resistance3
3 Junction-to-Case thermal resistance determined using an isothermal cold plate. Case temperature refers to the mold surface
temperature at eh package top side dead Centre.
JESD51-9, 2S2P
RJC
16.2
oC/W
Junction to Board Thermal Resistance4
4 Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board near the package.
JESD51-8, 2S2P
RJB
23.04
oC/W
Table 10. Operating ranges
Parameter
Description
Symbol
Operating
Conditions
Min
Typ Max1 Unit
Comment
Run Mode
VDD_SOC_IN
Overdrive
1.25
—
1.3
V
—
VDD_SOC_IN
M7 core at 528
MHz
1.15
—
1.3
V
—
M7 core at 132
MHz
1.15
—
1.3
M7 core at 24
MHz
0.925
—
1.3
IDLE Mode
VDD_SOC_IN
M7 core
operation at 528
MHz or below
1.15
—
1.3
V
—
SUSPEND (DSM)
Mode
VDD_SOC_IN
—
0.925
—
1.3
V
Refer to Table 13 Low power mode
current and power consumption
SNVS Mode
VDD_SOC_IN
—
0
—
1.3
V
—
Power for DCDC
DCDC_IN
—
3.0
—
3.6
V
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com