Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT201VCVL4A Datasheet(PDF) 99 Page - NXP Semiconductors

Part # PIMXRT201VCVL4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT201VCVL4A Datasheet(HTML) 99 Page - NXP Semiconductors

Back Button PIMXRT201VCVL4A Datasheet HTML 95Page - NXP Semiconductors PIMXRT201VCVL4A Datasheet HTML 96Page - NXP Semiconductors PIMXRT201VCVL4A Datasheet HTML 97Page - NXP Semiconductors PIMXRT201VCVL4A Datasheet HTML 98Page - NXP Semiconductors PIMXRT201VCVL4A Datasheet HTML 99Page - NXP Semiconductors PIMXRT201VCVL4A Datasheet HTML 100Page - NXP Semiconductors PIMXRT201VCVL4A Datasheet HTML 101Page - NXP Semiconductors PIMXRT201VCVL4A Datasheet HTML 102Page - NXP Semiconductors PIMXRT201VCVL4A Datasheet HTML 103Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 119 page
background image
Package information and contact assignments
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
NXP Semiconductors
99
PMIC_STBY_REQ
L7
VDD_SNVS_I
N
Digital
GPIO
ALT0
CCM.PMIC_VST
BY_REQ
Output
100 K
PU
(PKE
disabled
)
Output
100 K
PU
(PKE
disabled
)
POR_B
M7
VDD_SNVS_I
N
Digital
GPIO
ALT0
SRC.POR_B
Input
100 K
PU
Input
100 K
PU
RTC_XTALI
N9
—
—
—
—
—
—
—
—
RTC_XTALO
P9
—
—
—
—
—
—
—
—
TEST_MODE
K6
VDD_SNVS_I
N
Digital
GPIO
ALT0
TCU.TEST_MO
DE
Input
100 K
PU
Input
100 K
PU
USB_OTG1_CHD
_B
N12
—
—
—
—
—
—
—
—
USB_OTG1_DN
M8
—
—
—
—
—
—
—
—
USB_OTG1_DP
L8
—
—
—
—
—
—
—
—
USB_OTG1_VBU
S
N6
—
—
—
—
—
—
—
—
USB_OTG2_DN
N7
—
—
—
—
—
—
—
—
USB_OTG2_DP
P7
—
—
—
—
—
—
—
—
USB_OTG2_VBU
S
P6
—
—
—
—
—
—
—
—
XTALI
P11
—
—
—
—
—
—
—
—
XTALO
N11
—
—
—
—
—
—
—
—
WAKEUP
L6
VDD_SNVS_I
N
Digital
GPIO
ALT5
GPIO5.IO[0]
Input
100 K
PU
Input
100 K
PU
1 This pin output is in a high level until the system reset is complete.
Table 83. 10 x 10 mm functional contact assignments (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com